Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99DZ70XP Datasheet(PDF) 1 Page - STMicroelectronics

Part # L99DZ70XP
Description  Door actuator driver
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ70XP Datasheet(HTML) 1 Page - STMicroelectronics

  L99DZ70XP Datasheet HTML 1Page - STMicroelectronics L99DZ70XP Datasheet HTML 2Page - STMicroelectronics L99DZ70XP Datasheet HTML 3Page - STMicroelectronics L99DZ70XP Datasheet HTML 4Page - STMicroelectronics L99DZ70XP Datasheet HTML 5Page - STMicroelectronics L99DZ70XP Datasheet HTML 6Page - STMicroelectronics L99DZ70XP Datasheet HTML 7Page - STMicroelectronics L99DZ70XP Datasheet HTML 8Page - STMicroelectronics L99DZ70XP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 47 page
background image
September 2013
Doc ID 15162 Rev 4
1/47
1
L99DZ70XP
Door actuator driver
Features
■
One full bridge for 6 A load (Ron = 150 mΩ)
■
Two half bridges for 3 A load (Ron = 300 mΩ)
■
Two half bridges for 0.75 A load
(Ron = 1600 mΩ)
■
One highside driver for 6 A load (Ron =90 mΩ)
■
Two configurable highside drivers for up to
1.5 A load (Ron =500 mΩ) or 0.4 A
(Ron = 1800 mΩ)
■
Two highside drivers for 0.5 A load
(Ron = 1600 mΩ)
■
Programmable softstart function to drive loads
with higher inrush currents as current limitation
value
■
Very low current consumption in standby mode
(IS <6µA typ; Tj ≤ 85 °C; ICC < 5 µA typ;
Tj ≤ 85 °C)
■
Current monitor output for all highside drivers
■
Device contains temperature warning and
protection
■
Openload detection for all outputs
■
Over-current protection for all otputs
■
Separated half bridges for door lock motor
■
PWM control of all outputs
■
Charge pump output for reverse polarity
protection
■
STM standard serial peripheral interface (ST-
SPI 3.0)
■
Control block for electrochromic element
Applications
■
Door actuator driver with 6 bridges for double
door lock control, mirror fold and mirror axis
control, highside driver for mirror defroster,
bulbs and LEDs (replacement for L9950).
Control block with external MOS transistor for
charging / discharging of electrochromic glass.
Description
The L99DZ70XP is a microcontroller driven
multifunctional door actuator driver for automotive
applications. Up to five DC motors and five
grounded resistive loads can be driven with six
half bridges and five highside drivers. An
electrochromic mirror glass can be controlled
using the integrated SPI-driven module in
conjunction with an external MOS transistor. The
integrated SPI controls all operating modes
(forward, reverse, brake and high impedance).
Also all diagnostic information is available via SPI
read.
PowerSSO-36
Table 1.
Device summary
Package
Order codes
Tube
Tape and reel
PowerSSO-36
L99DZ70XP
L99DZ70XPTR
www.st.com


Similar Part No. - L99DZ70XP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L99DZ70XP STMICROELECTRONICS-L99DZ70XP Datasheet
686Kb / 47P
Door actuator driver
19-Nov-2010
L99DZ70XP STMICROELECTRONICS-L99DZ70XP Datasheet
1Mb / 22P
for car body applications
Oct-2013
More results

Similar Description - L99DZ70XP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9949 STMICROELECTRONICS-L9949 Datasheet
334Kb / 20P
DOOR ACTUATOR DRIVER
Sep-2002
L9951 STMICROELECTRONICS-L9951 Datasheet
52Kb / 4P
DOOR ACTUATOR DRIVER
Apr-2004
L9950 STMICROELECTRONICS-L9950 Datasheet
231Kb / 23P
DOOR ACTUATOR DRIVER
L9950 STMICROELECTRONICS-L9950_09 Datasheet
626Kb / 39P
Door actuator driver
09-Jun-2009
L9951 STMICROELECTRONICS-L9951_10 Datasheet
538Kb / 36P
Rear door actuator driver
14-May-2010
L9953 STMICROELECTRONICS-L9953 Datasheet
541Kb / 38P
Door actuator driver
14-May-2010
L9954 STMICROELECTRONICS-L9954 Datasheet
537Kb / 37P
Door actuator driver
17-May-2010
L99DZ70XP STMICROELECTRONICS-L99DZ70XP Datasheet
686Kb / 47P
Door actuator driver
19-Nov-2010
L99DZ81EP STMICROELECTRONICS-L99DZ81EP Datasheet
67Kb / 4P
Door actuator driver
16-Nov-2011
L9953LXP STMICROELECTRONICS-L9953LXP Datasheet
363Kb / 35P
Door actuator driver
19-Sep-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com