Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99DZ70XP Datasheet(PDF) 33 Page - STMicroelectronics

Part # L99DZ70XP
Description  Door actuator driver
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ70XP Datasheet(HTML) 33 Page - STMicroelectronics

Back Button L99DZ70XP Datasheet HTML 29Page - STMicroelectronics L99DZ70XP Datasheet HTML 30Page - STMicroelectronics L99DZ70XP Datasheet HTML 31Page - STMicroelectronics L99DZ70XP Datasheet HTML 32Page - STMicroelectronics L99DZ70XP Datasheet HTML 33Page - STMicroelectronics L99DZ70XP Datasheet HTML 34Page - STMicroelectronics L99DZ70XP Datasheet HTML 35Page - STMicroelectronics L99DZ70XP Datasheet HTML 36Page - STMicroelectronics L99DZ70XP Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 47 page
background image
L99DZ70XP
Functional description of the SPI
Doc ID 15162 Rev 4
33/47
Figure 11.
Global error flag definition
4.4
Address mapping
Table 23.
RAM memory map
Address
Name
Access
Content
00h
Control register 0
Read/write
Enable of device and bridge control
01h
Control register 1
Read/write
High/low-side control and Electrocrome block set
up
02h
Control register 2
Read/write
Bridge recovery mode and PWM set up and
Electrocrome block set up
03h
Control register 3
Read/write
Highside recovery mode and PWM set up and
current monitor selection
10h
Status register 0
Read only
Bridge over-current diagnosis
11h
Status register 1
Read only
Bridge open load (under-current) diagnosis
12h
Status register 2
Read only
Open load (under-current) diagnosis, VS and
electrocrome diagnosis
3Fh
Configuration
register
Read/write
Mask of bits in global status register and for global
error bit
Table 24.
ROM memory map
Address
Name
Access
Content
00h
ID header
Read only
4300h (ASSP ST_SPI)
01h
Version
Read only
0300h
02h
Product code 1
Read only
4300h (67 ST_SPI)
03h
Product code 2
Read only
4800h (H ST_SPI)
3Eh
SPI-frame ID
Read only
0200h SPI-Frame-ID register (ST_SPI)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com