Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99DZ70XP Datasheet(PDF) 19 Page - STMicroelectronics

Part # L99DZ70XP
Description  Door actuator driver
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ70XP Datasheet(HTML) 19 Page - STMicroelectronics

Back Button L99DZ70XP Datasheet HTML 15Page - STMicroelectronics L99DZ70XP Datasheet HTML 16Page - STMicroelectronics L99DZ70XP Datasheet HTML 17Page - STMicroelectronics L99DZ70XP Datasheet HTML 18Page - STMicroelectronics L99DZ70XP Datasheet HTML 19Page - STMicroelectronics L99DZ70XP Datasheet HTML 20Page - STMicroelectronics L99DZ70XP Datasheet HTML 21Page - STMicroelectronics L99DZ70XP Datasheet HTML 22Page - STMicroelectronics L99DZ70XP Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 47 page
background image
L99DZ70XP
Electrical specifications
Doc ID 15162 Rev 4
19/47
Table 14.
Delay time from standby to active mode
Item
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
14.1
tset
Delay time
Switching from standby to active
mode. Time until output drivers are
enabled after CSN going to high and
set bit 0=1 of control register 0.
256
300
µs
Table 15.
Inputs: CSN, CLK, PWM1/2 and DI
Item
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
15.1
VinL
Input low level
VCC = 5V
0.3*
Vcc
V
15.2
VinH
Input high level
VCC = 5V
0.7*
Vcc
V
15.3
Vin Hyst
Input hysteresis
VCC = 5V
500
mV
15.4
RCSN in CSN pull up resistor
VCC = 5V
0V<VCSN<0.7VCC
30
120
250
k
Ω
15.5
RCLK in
CLK pull down resistor
VCC = 5V
VCLK = 1.5V
30
60
150
k
Ω
15.6
RDI in
DI pull down resistor
VCC = 5V
VDI = 1.5V
30
60
150
k
Ω
15.7
RPWM1 in PWM1 pull down resistor
VCC = 5V
VPWM1= 1.5V
30
60
150
k
Ω
15.8
Cin
(1)
1.
Value of input capacity is not measured in production test. Parameter guaranteed by design.
Input capacitance at input
CSN, CLK, DI and PWM1/2
0 V < VCC < 5.3V
10
pF
Table 16.
SDI timing (1)
Item
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
16.1
tCLK
Clock period
VCC = 5V
1000
ns
16.2
tCLKH
Clock high time
VCC = 5V
115
ns
16.3
tCLKL
Clock low time
VCC = 5V
115
ns
16.4
tset CSN
CSN setup time, CSN low
before rising edge of CLK
VCC = 5V
400
ns
16.5
tset CLK
CLK setup time, CLK high
before rising edge of CSN
VCC = 5V
400
ns
16.6
tset DI
DI setup time
VCC = 5V
200
ns
16.7
thold DI
DI hold time
VCC = 5V
200
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com