Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99DZ70XP Datasheet(PDF) 35 Page - STMicroelectronics

Part # L99DZ70XP
Description  Door actuator driver
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ70XP Datasheet(HTML) 35 Page - STMicroelectronics

Back Button L99DZ70XP Datasheet HTML 31Page - STMicroelectronics L99DZ70XP Datasheet HTML 32Page - STMicroelectronics L99DZ70XP Datasheet HTML 33Page - STMicroelectronics L99DZ70XP Datasheet HTML 34Page - STMicroelectronics L99DZ70XP Datasheet HTML 35Page - STMicroelectronics L99DZ70XP Datasheet HTML 36Page - STMicroelectronics L99DZ70XP Datasheet HTML 37Page - STMicroelectronics L99DZ70XP Datasheet HTML 38Page - STMicroelectronics L99DZ70XP Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 47 page
background image
L99DZ70XP
SPI - control and status registers
Doc ID 15162 Rev 4
35/47
5.2
Control register 1
Table 26.
Control register 1 (read/write)
Bit
Name
Comment
15
OUT7 – HS1
on/off
OUT
7/8
14
OUT7 – HS2
on/off
HS1
HS2
Mode
11
Off
13
OUT8 – HS1
on/off
1
0
Low on-resistance
0
1
High on-resistance
12
OUT8 – HS2
on/off
00
Off
11
OUT9 – HS
on/off
If a bit is set, the selected output driver is switched on. If the corresponding
PWM enable bit is set the driver is only activated if PWM1 (PWM2) input
signal is high. The outputs of OUT1-OUT6 are half bridges. If the bits of HS-
and LS-driver of the same half bridge are set, the internal logic prevents that
both drivers of this output stage can be switched on simultaneously in order
to avoid a high internal current from VS to GND.
10
OUT10 – HS
on/off
9
OUT11 – HS
on/off
8
ECV – LS on/off
7
EC bit 5
Reference value for difference voltage amplifier at pin ECV is binary coded.
Full scale value is set in control register 2. If all EC bits are set to zero the
reference value is 0V. For fast discharge a lowside switch can be activated
at pin ECV, if the ECV – LS on/off bit is set to '1'..
6
EC bit 4
5
EC bit 3
4
EC bit 2
3
EC bit 1
2
EC bit 0
1
EC switch
In case this bit is set to 1, the electrochrome control is active and enables the
driver at pin ECDR for the external MOS transistor. The bit switches the
highside OUT10 directly on, ignoring bit 10 in control register 1. If the drain of
the external MOS transistor is connected to OUT10, the current from supply
VS to the load at ECV can be monitored.
0
0
Reserved (has to be set to '0')



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com