Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS44L10 Datasheet(PDF) 7 Page - Cirrus Logic

Part # CS44L10
Description  Digital PWH Headphone Monitor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS44L10 Datasheet(HTML) 7 Page - Cirrus Logic

Back Button CS44L10 Datasheet HTML 3Page - Cirrus Logic CS44L10 Datasheet HTML 4Page - Cirrus Logic CS44L10 Datasheet HTML 5Page - Cirrus Logic CS44L10 Datasheet HTML 6Page - Cirrus Logic CS44L10 Datasheet HTML 7Page - Cirrus Logic CS44L10 Datasheet HTML 8Page - Cirrus Logic CS44L10 Datasheet HTML 9Page - Cirrus Logic CS44L10 Datasheet HTML 10Page - Cirrus Logic CS44L10 Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
CS44L10
DS541PP1
7
POWER AND THERMAL CHARACTERISTICS
(GND = 0 V; All voltages with respect to
ground. All measurements taken with all zeros input and open outputs, unless otherwise specified.)
Note:
6. Power Down Mode is defined as RST = LO with all clocks and data lines held static.
Parameters
Symbol
Min
Typ
Max
Units
Power Supplies
Power Supply Current-
VA_HPx= 2.4 V
Normal Operation
VD = 2.4 V
VL= 2.4 V
IVA_HP
ID
IL
-
-
-
1
10
1
-
-
-
mA
mA
mA
Power Supply Current-
VA_HPx = 2.4V
Power Down Mode (Note 6)
VD = 2.4V
VL = 2.4V
IVA_HP
ID
IL
-
-
-
TBD
TBD
TBD
-
-
-
µA
µA
µA
Power Supply Current-
VA_HPx = 5.0 V
Normal Operation
VD = 5.0 V
VL = 5.0 V
IVA_HP
ID
IL
-
-
-
2
20
2
-
-
-
mA
mA
mA
Power Supply Current-
VA_HPx = 5.0V
Power Down Mode (Note 6)
VD = 5.0V
VL = 5.0 V
IVA_HP
ID
IL
-
-
-
TBD
TBD
TBD
-
-
-
µA
µA
µA
Total Power Dissipation-
All Supplies = 2.4 V
Normal Operation
All Supplies = 5.0 V
-
-
29
120
-
-
mW
mW
Power Supply Rejection Ratio
PSRR
-
0
-
dB
Maximum Headphone Power Dissipation
(1 kHz full-scale sine wave
VA=2.4 V
into 16 ohm load)
VA=5.0 V
-
-
-
-
23
100
-
-
-
mW
mW
Package Thermal Resistance
θJA
-75
-
°C/Watt
sclkh
t
slrs
t
slrd
t
sdlrs
t
sdh
t
sclkl
t
SDATA
SCLK
LRCK
sclkw
t
Figure 1. Serial Audio Data Interface Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com