Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS44L10 Datasheet(PDF) 4 Page - Cirrus Logic

Part # CS44L10
Description  Digital PWH Headphone Monitor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS44L10 Datasheet(HTML) 4 Page - Cirrus Logic

  CS44L10 Datasheet HTML 1Page - Cirrus Logic CS44L10 Datasheet HTML 2Page - Cirrus Logic CS44L10 Datasheet HTML 3Page - Cirrus Logic CS44L10 Datasheet HTML 4Page - Cirrus Logic CS44L10 Datasheet HTML 5Page - Cirrus Logic CS44L10 Datasheet HTML 6Page - Cirrus Logic CS44L10 Datasheet HTML 7Page - Cirrus Logic CS44L10 Datasheet HTML 8Page - Cirrus Logic CS44L10 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
CS44L10
4
DS541PP1
1. CHARACTERISTICS AND SPECIFICATIONS
(TA = 25 °C; GND = 0 V; Logic "1" = VL = 2.4 V; Logic "0" = GND = 0 V; Full-Scale Output Sine Wave, 997 Hz,
MCLK = 12.288 MHz, Measurement Bandwidth 10 Hz to 20 kHz, unless otherwise specified; Fs for Single Speed
Mode = 48 kHz, SCLK = 3.072 MHz; Fs for Double Speed Mode = 96 kHz, SCLK = 6.144 MHz. Test load
RL =16 Ω, CL = 10pF.) (See Typical CS44L10 Connection Diagram.)
Parameter
Symbol
Min
Typ
Max
Unit
Headphone Output Dynamic Performance for VD = VL = VA_HPx = 2.4 V
Dynamic Range
18 to 24-Bit
A-Weighted
UnWeighted
16-Bit
A-Weighted
Unweighted
TBD
TBD
-
-
93
91
91
89
-
-
-
-
dB
dB
dB
dB
Total Harmonic Distortion + Noise
0 dBFS
-20 dBFS
-60 dBFS
THD+N
-
-
-
-62
-71
-31
TBD
-
-
dB
dB
dB
Interchannel Isolation
(1 kHz)
-TBD
-
dB
Headphone Output Dynamic Performance for VD = VL = VA_HPx = 3.0 V
Dynamic Range
18 to 24-Bit
A-Weighted
UnWeighted
16-Bit
A-Weighted
Unweighted
TBD
TBD
-
-
95
92
92
90
-
-
-
-
dB
dB
dB
dB
Total Harmonic Distortion + Noise
0 dB
-20 dB
-60 dB
THD+N
-
-
-
-64
-72
-32
TBD
-
-
dB
dB
dB
Interchannel Isolation
(1 kHz)
-TBD
-
dB
Headphone Output Dynamic Performance for VD = VL = VA_HPx = 5.0 V
Dynamic Range
18 to 24-Bit
A-Weighted
UnWeighted
16-Bit
A-Weighted
Unweighted
TBD
TBD
-
-
99
96
91
93
-
-
-
-
dB
dB
dB
dB
Total Harmonic Distortion + Noise
0 dB
-20 dB
-60 dB
THD+N
-
-
-
-67
-76
-36
TBD
-
-
dB
dB
dB
Interchannel Isolation
(1 kHz)
-TBD
-
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com