Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS44L10 Datasheet(PDF) 14 Page - Cirrus Logic

Part # CS44L10
Description  Digital PWH Headphone Monitor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS44L10 Datasheet(HTML) 14 Page - Cirrus Logic

Back Button CS44L10 Datasheet HTML 10Page - Cirrus Logic CS44L10 Datasheet HTML 11Page - Cirrus Logic CS44L10 Datasheet HTML 12Page - Cirrus Logic CS44L10 Datasheet HTML 13Page - Cirrus Logic CS44L10 Datasheet HTML 14Page - Cirrus Logic CS44L10 Datasheet HTML 15Page - Cirrus Logic CS44L10 Datasheet HTML 16Page - Cirrus Logic CS44L10 Datasheet HTML 17Page - Cirrus Logic CS44L10 Datasheet HTML 18Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
CS44L10
14
DS541PP1
4.1.3 FLOAT OUTPUT (FLT)
Default = 0
0 - Disabled
1 - Enabled
Function:
When enabled, this bit will cause the headphone output of the CS44L10 to float when in the power down
state (PDN=1). The float function can be used in single-ended applications to maintain the charge on the
DC-blocking capacitor during power transients. On power transitions, the output will quickly change to the
bias point, however, if the DC-blocking capacitor still has a full charge, as in short power cycles, the tran-
sition will be very small, often inaudible. Refer to Section 6.4.
4.1.4 RAMP UP BYPASS (RUPBYP)
Default = 0
0 - Normal
1 - Bypass
Function:
When in normal mode, the duty cycle of the output PWM signal is increased at a rate determined by the
Ramp Speed variable (RMP_SPx). Normal mode is used in Single Ended applications to reduce pops in
the output caused by the DC-blocking capacitor. When the ramp up function is bypassed in Single Ended
applications, there will be an abrupt change in the output signal. Refer to Section 6.4.
4.1.5 RAMP DOWN BYPASS (RDNBYP)
Default = 0
0 - Disabled
1 - Enabled
Function:
When in normal mode, the duty cycle of the output PWM signal is decreased at a rate determined by the
Ramp Speed variable (RMP_SPx). Normal mode is used in Single Ended applications to reduce pops in
the output caused by the DC-blocking capacitor and changes in bias conditions. When the ramp down
function is bypassed in Single Ended applications, there will be an abrupt change in the output signal. Re-
fer to Section 6.4.
4.2 Channel A Volume Control (address 03h) (VOLA)
4.3 Channel B Volume Control (address 04h) (VOLB)
Default = 0 dB (No attenuation)
Function:
The Volume Control registers allow independent control of the signal levels in 1 dB increments from +18
to -96 dB. Volume settings are decoded using a 2’s complement code, as shown in Table 2. The volume
changes are implemented as dictated by the Soft and Zero Cross bits. All volume settings less than -96 dB
are equivalent to muting the channel via the ATAPI bits (see Section 4.8.2).
76543
210
VOLx7
VOLx6
VOLx5
VOLx4
VOLx3
VOLx2
VOLx1
VOLx0
00000
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com