Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS44L10 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS44L10
Description  Digital PWH Headphone Monitor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS44L10 Datasheet(HTML) 1 Page - Cirrus Logic

  CS44L10 Datasheet HTML 1Page - Cirrus Logic CS44L10 Datasheet HTML 2Page - Cirrus Logic CS44L10 Datasheet HTML 3Page - Cirrus Logic CS44L10 Datasheet HTML 4Page - Cirrus Logic CS44L10 Datasheet HTML 5Page - Cirrus Logic CS44L10 Datasheet HTML 6Page - Cirrus Logic CS44L10 Datasheet HTML 7Page - Cirrus Logic CS44L10 Datasheet HTML 8Page - Cirrus Logic CS44L10 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
Advance Product Information
This document contains information for a new product.
Cirrus Logic reserves the right to modify this product without notice.
1
Copyright
 Cirrus Logic, Inc. 2001
(All Rights Reserved)
P.O. Box 17847, Austin, Texas 78760
(512) 445 7222 FAX: (512) 445 7581
http://www.cirrus.com
CS44L10
Digital PWM Headphone Monitor
Features
l Up to 100 dB Dynamic Range
l 2.4 V to 5.0 V supply
l Sample rates up to 96 kHz
l Digital Tone Control
—3 selectable HPF and LPF corner frequencies
—12 dB boost for bass and treble - 1 dB step size
l Programmable Digital volume control
—+18 to -96 dB in 1 dB steps
l Peak signal soft limiting
l De-emphasis for 32 kHz, 44.1 kHz, and 48
kHz
l Selectable outputs for each channel including
—Channel A: R, L, mono (L + R) / 2, mute
—Channel B: R, L, mono (L + R) / 2, mute
l PWM PopGuard®
l 100 mW/Channel into 16
Ω @ 3.6 V
Description
The CS44L10 is a complete stereo digital-to-PWM Class D au-
dio amplifier system controller including interpolation, volume
control, and a headphone amplifier
in a 16-pin TSSOP
package.
The CS44L10 architecture uses a direct-to-digital approach
that maintains digital signal integrity to the final output filter.
This minimizes analog interference effects that can negatively
affect system performance.
The CS44L10 contains on-chip digital bass and treble boost,
peak signal limiting, and de-emphasis. The PWM amplifier can
achieve greater than 90% efficiency. This efficiency leads to
longer battery life for portable systems, smaller device pack-
age, less heat sink requirements, and smaller power supplies.
The CS44L10 is ideal for portable audio, headphone amplifi-
ers, and mobile phones.
ORDERING INFORMATION
CS44L10-KZ
-10 to 70 °C
16-pin TSSOP
Multibit
∆Σ
Modulator with
Correction
Multibit
∆Σ
Modulator with
Correction
Digital Volume
Control,
Bass/Treble
Boost,
Compression
Limiting,
De-emphasis
Control Port
SCL/DIF0
MCLK
Serial
Port
SDA/DEM
VL
PWM
Conversion
PWM
Conversion
HP_B
VA_HPB
GND_HPB
Level
Shifter
VA_HPA
Level
Shifter
HP_A
GND_HPA
RST
Interpolation
SCLK
LRCK
Input Sampling Rate
LRCLK/MCLK Ratio
SDIN
Audio
MAY ‘01
DS541PP1


Similar Part No. - CS44L10

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS44L11 CIRRUS-CS44L11 Datasheet
476Kb / 34P
Low Voltage Class-D PWM Headphone Amplifier
CS44L11-CZZ CIRRUS-CS44L11-CZZ Datasheet
476Kb / 34P
Low Voltage Class-D PWM Headphone Amplifier
More results

Similar Description - CS44L10

ManufacturerPart #DatasheetDescription
logo
Rohm
BA3578FS ROHM-BA3578FS Datasheet
227Kb / 11P
Headphone driver for digital audio
logo
Weltrend Semiconductor
WT6014 WELTREND-WT6014 Datasheet
436Kb / 19P
Digital Monitor Controller
logo
List of Unclassifed Man...
WT6016 ETC-WT6016 Datasheet
567Kb / 24P
Digital Monitor Controller
WT60P1 ETC-WT60P1 Datasheet
567Kb / 24P
Digital Monitor Controller
WT6018 ETC-WT6018 Datasheet
527Kb / 23P
Digital Monitor Controller
logo
Cirrus Logic
CS44210 CIRRUS-CS44210 Datasheet
656Kb / 38P
DIGITAL PWM CONTROLLER WITH HEADPHONE MONITOR
logo
Intersil Corporation
ISL28022 INTERSIL-ISL28022 Datasheet
795Kb / 28P
Precision Digital Power Monitor
ISL28022FUZ INTERSIL-ISL28022FUZ Datasheet
1Mb / 32P
Precision Digital Power Monitor
October 2, 2015
logo
Renesas Technology Corp
ISL28022 RENESAS-ISL28022 Datasheet
1Mb / 32P
Precision Digital Power Monitor
logo
Shenzhenshi YONGFUKANG ...
CP4811 YONGFUKANG-CP4811 Datasheet
202Kb / 7P
Digital volume control stereo headphone amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com