Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS44L10 Datasheet(PDF) 21 Page - Cirrus Logic

Part # CS44L10
Description  Digital PWH Headphone Monitor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS44L10 Datasheet(HTML) 21 Page - Cirrus Logic

Back Button CS44L10 Datasheet HTML 17Page - Cirrus Logic CS44L10 Datasheet HTML 18Page - Cirrus Logic CS44L10 Datasheet HTML 19Page - Cirrus Logic CS44L10 Datasheet HTML 20Page - Cirrus Logic CS44L10 Datasheet HTML 21Page - Cirrus Logic CS44L10 Datasheet HTML 22Page - Cirrus Logic CS44L10 Datasheet HTML 23Page - Cirrus Logic CS44L10 Datasheet HTML 24Page - Cirrus Logic CS44L10 Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
CS44L10
DS541PP1
21
4.9.3 DOUBLE SPEED MODE (DBS)
Default = 0
0 - Single Speed
1 - Double Speed (DBS)
Function:
Single Speed supports 8kHz to 50 kHz sample rates and Double Speed supports 50 kHz to 96kHz sample
rates. MCLKDIV, DBS, CLKDIV and FRQSFT are set per the user’s MCLK and LRCK requirements. Refer
to Tables 11, 12, 13, 14, and Section 6.2.
Note: De-emphasis, ramp control, and treble control are not available in Double Speed Mode.
4.9.4 FREQUENCY SHIFT (FRQSFT)
Default = 00
Function:
MCLKDIV, DBS, CLKDIV and FRQSFT are set per the user’s MCLK and LRCK requirements. Refer to
Tables 11, 12, 13, 14, and Section 6.2.
DBS = 0
MCLKDIV = 0
DBS = 0
MCLKDIV = 1
LRCK
(kHz)
MCLK/
LRCK
MCLK
(MHz)
MCLK/
LRCK
MCLK
(MHz)
FRQSFT1 FRQSFT0
CLKDIV1
CLKDIV0
PWM
Switching
Freq. (kHz)
48
256
12.288
512
24.576
0
0
0
0
48
384
18.432
768
36.864
0
0
0
1
384
48
512
24.576
1024
49.152
0
0
1
0
44.1
256
11.2896
512
22.5792
0
0
0
0
44.1
384
16.9344
768
33.8688
0
0
0
1
352.8
44.1
512
22.5792
1024
45.1584
0
0
1
0
32
512
16.384
1024
32.768
0
1
0
0
32
768
24.576
1536
49.152
0
1
0
1
512
32
1024
32.768
2048
65.536
0
1
1
0
24
512
12.288
1024
24.576
0
1
0
0
24
768
18.432
1536
36.864
0
1
0
1
384
24
1024
24.576
2048
49.152
0
1
1
0
12
1024
12.288
2048
24.576
1
0
0
0
12
1536
18.432
3072
36.864
1
0
0
1
384
12
2048
24.576
4096
49.152
1
0
1
0
8
1536
12.288
3072
24.576
1
1
0
0
8
2304
18.432
4608
36.864
1
1
0
1
384
8
3072
24.576
6144
49.152
1
1
1
0
Table 11. Single Speed Clock Modes - Control Port Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com