Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS494502 Datasheet(PDF) 66 Page - Cirrus Logic

Part # CS494502
Description  Multi-Standard Audio Decoder Family
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS494502 Datasheet(HTML) 66 Page - Cirrus Logic

Back Button CS494502 Datasheet HTML 62Page - Cirrus Logic CS494502 Datasheet HTML 63Page - Cirrus Logic CS494502 Datasheet HTML 64Page - Cirrus Logic CS494502 Datasheet HTML 65Page - Cirrus Logic CS494502 Datasheet HTML 66Page - Cirrus Logic CS494502 Datasheet HTML 67Page - Cirrus Logic CS494502 Datasheet HTML 68Page - Cirrus Logic CS494502 Datasheet HTML 69Page - Cirrus Logic CS494502 Datasheet HTML 70Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 100 page
background image
66
register. The protocol presented in Figure 49 will
now be described in detail.
1) The host must first drive the A1 and A0 register
address pins of DSPC with the address of the
desired Parallel I/O Register (A1=A0=0). Note
that only the Host Message register can be read
using 4-byte reads. The address must be
maintained for the duration of the read cycle,
and is latched on the falling edge of CS.
Host Message:
A[1:0]==00b.
2) The host indicates that this is a read cycle by
driving the R/W pin high.
3) The host initiates a read cycle by driving the CS
and DS pins low (bus must be tri-stated by this
time).
4) Once the data is valid (after waiting the
appropriate time specified in the timing
specifications), the host can read the most
significant
byte
(bits
31:24)
from
the
HDAT[7:0] pins of DSPC.
5) The host indicates the byte has been read by
driving DS high.
6) The host latches out the next byte by driving
DS low.
7) Once the data is valid (after waiting the
appropriate time specified in the timing
specifications), the host can read the next most
significant byte, BYTE_B (bits 23:16), of the
selected register from the HDAT[7:0] pins of
DSPC.
8) The host indicates the byte has been read by
driving DS high.
9) The host latches out the next byte by driving
DS low.
10) Once the data is valid (after waiting the
appropriate time specified in the timing
specifications), the host can read the next most
significant byte, BYTE_A (bits 15:8), of the
selected register from the HDAT[7:0] pins of
R/W (HIGH)
ADDRESS A PARALLEL I/O REGISTER
(A[1:0] SET APPROPRIATELY)
CS (HIGH)
CS (LOW)
DS (LOW)
READ MS_BYTE TO
HDAT[7:0]
DS (HIGH)
DS (LOW)
READ BYTE_B TO
HDAT[7:0]
DS (HIGH)
DS (LOW)
READ BYTE_A TO
HDAT[7:0]
DS (HIGH)
READ LS_BYTE TO
HDAT[7:0]
DS (HIGH)
DS (LOW)
Figure 49. Motorola Mode, 32-Bit (4-Byte) Read Flow
Diagram for DSPC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com