Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS494502 Datasheet(PDF) 76 Page - Cirrus Logic

Part # CS494502
Description  Multi-Standard Audio Decoder Family
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS494502 Datasheet(HTML) 76 Page - Cirrus Logic

Back Button CS494502 Datasheet HTML 72Page - Cirrus Logic CS494502 Datasheet HTML 73Page - Cirrus Logic CS494502 Datasheet HTML 74Page - Cirrus Logic CS494502 Datasheet HTML 75Page - Cirrus Logic CS494502 Datasheet HTML 76Page - Cirrus Logic CS494502 Datasheet HTML 77Page - Cirrus Logic CS494502 Datasheet HTML 78Page - Cirrus Logic CS494502 Datasheet HTML 79Page - Cirrus Logic CS494502 Datasheet HTML 80Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 100 page
background image
76
a list of all pertinent configuration messages.
Writing the KICKSTART message to DSPAB
begins the audio decode process.
9. SOFT RESETTING THE CS49400
Soft resetting the CS49400 uses a combination of
software and hardware. This method of resetting
the DSP is usually referred to as a “soft reset” even
though it involves toggling the reset pin due to the
fact that a soft reset message is sent to the DSP. To
soft reset the device, a previous application code
must have been downloaded without power cycling
the DSP. Figure 54, "Host Controlled Master
Softreset" on page 77 describes the soft reset
procedure. The main purpose behind a soft reset is
to take advantage of the fact that all AC-3 based
codes can accept both AC-3 compressed data as
well as PCM data. This allows for a the host to
reconfigure the AC-3 application code for PCM or
AC-3 without having to completely redownload the
same application code.
9.1 Host Controlled Master Soft Reset
This reset procedure is used to restart the
application code that has already been loaded on
the DSP. All writes and reads with the CS49400
should follow the protocol given in Section 8
“Boot Procedure” on page 71.
1) A Soft Reset sequence is started when the host
holds the mode pins appropriately (UHS[2:0]
and FHS[1:0]) and toggles RESET.
2) The host must send the C_SOFT_RESET
message to DSPC. This causes the application
code on DSPAB and DSPC to reset and allow
the downloaded application to run.
3) If the soft reset was successful, DSPC sends out
a C_APP_START message the host can
proceed to step 4. If DSPC does not send an the
application start message, the host must re-try
the whole procedure again.
4) The host can send hardware and software
configuration messages for DSPC.
5) At this point the application code on DSPC is
running and the host needs to configure
DSPAB.
6) Next the host must wait for FINTREQ to go
low and read the AB_APP_START message
from DSPAB. If DSPAB does not send an the
application start message the host must re-try
the whole procedure again, beginning from step
1.
7) The host must send hardware and software
configuration messages for DSPAB.
8) At this point the application code on DSPAB is
running.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com