Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS494502 Datasheet(PDF) 75 Page - Cirrus Logic

Part # CS494502
Description  Multi-Standard Audio Decoder Family
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS494502 Datasheet(HTML) 75 Page - Cirrus Logic

Back Button CS494502 Datasheet HTML 71Page - Cirrus Logic CS494502 Datasheet HTML 72Page - Cirrus Logic CS494502 Datasheet HTML 73Page - Cirrus Logic CS494502 Datasheet HTML 74Page - Cirrus Logic CS494502 Datasheet HTML 75Page - Cirrus Logic CS494502 Datasheet HTML 76Page - Cirrus Logic CS494502 Datasheet HTML 77Page - Cirrus Logic CS494502 Datasheet HTML 78Page - Cirrus Logic CS494502 Datasheet HTML 79Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 100 page
background image
75
STAR T
INTR EQ LO W ?
MSG
==C_ BOOT_S TA RT
FINTR EQ LOW ?
HOUTRDY H I?
MSG==
AB _AP P_STA RT
AB_ AP PLIC ATION _R UN NIN G
RE SET(LO W )
R ESE T(HIGH)
W A IT 10 uS
WRITE -C _*
(C_SL AVE _MOD E)
TIME OUT
AFTER (5 m S)
TIME OUT
AFTER (5 m S)
RE AD-C_ *(C_ MES SAGE )
W R ITE-C_ *(.U LD FILE ,FILE
SIZE) for DS P AB
READ -AB_*(AB_MESSA GE)
EXIT(ER ROR )
EXIT(ER R OR)
W RITE -AB _*(AB_H W _C ON FIG_MSG,
MSG_SIZE )
W R ITE-A B_ *(AB _SW _ CON FIG_MS G,
MSG_SIZE )
W RITE-AB_*(KIC K START,
MSG_SIZE )
N
Y
N
Y
N
Y
N
Y
INTR EQ LO W ?
TIME OU T
AFTER (5 mS)
N
Y
MSG==
C_BOOT_S UC CE SS
C_ AP PLIC ATION _R UN NIN G
EXIT(E RR OR)
W RITE -C_*(C_HW _C ONFIG_ MSG,
MSG_S IZE)
W R ITE-C_ *(C_ SW _ CON FIG_MSG,
MSG_SIZE )
W R ITE-C_*(KIC KS TA RT,
MSG_SIZE )
N
Y
RE AD -C _*(C _M ESSA GE)
W R ITE-C_*(C_ SOFT_RE SET)
IN TR EQ L OW ?
MSG==
C_APP_STAR T
TIME OU T
AFTER (5 m S)
R EAD-C_*(C_MESSAGE)
EXIT(ERR OR )
N
N
Y
Y
INTR EQ LO W ?
MSG
==C_ BOOT_S TA RT
WRITE -C _*
(C_SL AVE _MOD E)
TIME OUT
AFTER (5 m S)
RE AD-C_ *(C_ MES SAGE )
W R ITE-C_ *(.U LD FILE ,FILE
SIZE) for D SP C
EXIT(ER ROR )
N
Y
N
Y
INTR EQ LO W ?
TIME OU T
AFTER (5 mS)
N
Y
MSG==
C _B OOT_ SUC CE SS
EXIT(ERROR)
N
RE AD -C _*(C _MES SA GE )
Figure 53. Host Boot Via DSPC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com