Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS494502 Datasheet(PDF) 88 Page - Cirrus Logic

Part # CS494502
Description  Multi-Standard Audio Decoder Family
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS494502 Datasheet(HTML) 88 Page - Cirrus Logic

Back Button CS494502 Datasheet HTML 84Page - Cirrus Logic CS494502 Datasheet HTML 85Page - Cirrus Logic CS494502 Datasheet HTML 86Page - Cirrus Logic CS494502 Datasheet HTML 87Page - Cirrus Logic CS494502 Datasheet HTML 88Page - Cirrus Logic CS494502 Datasheet HTML 89Page - Cirrus Logic CS494502 Datasheet HTML 90Page - Cirrus Logic CS494502 Datasheet HTML 91Page - Cirrus Logic CS494502 Datasheet HTML 92Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 100 page
background image
88
12.3 Pin Definitions
FILT1 — Phase-Locked Loop Filter
Connects to an external filter for the on-chip phase-locked loop.
FILT2 — Phase Locked Loop Filter
Connects to an external filter for the on-chip phase-locked loop.
CLKIN, XTALI — External Clock Input/Crystal Oscillator Input
CS49400 clock input. This pin accepts an external clock input signal that is used to drive the
internal core logic. When in internal clock mode (CLKSEL == VSS), this input is connected to
the internal PLL from which all internal clocks are derived. When in external clock mode
(CLKSEL == VDD), this input is connected to the DSP clock. Alternatively, a 12.288 mhZ
crystal oscillator can be connected between XTALI and XTALO. INPUT
XTALO — Crystal Oscillator Output
Crystal oscillator output. OUTPUT
CLKSEL — DSP Clock Select
This pin selects the internal source clock. When CLKSEL is low, CLKIN is connected to the
internal PLL from which all internal clocks are derived. When CLKSEL is high, the PLL is
bypassed and the external clock directly drives all input logic. INPUT
FDAT7 — DSPAB Bidirectional Data Bus
FDAT6
FDAT5
FDAT4
FDAT3
FDAT2
FDAT1
FDAT0
In parallel host mode, these pins provide a bidirectional data bus to DSPAB. These pins have
an internal pull-up.
BIDIRECTIONAL - Default: INPUT
FA0, FSCCLK — Host Parallel Address Bit Zero or Serial Control Port Clock
In parallel host mode, this pin serves as one of two address input pins used to select one of
four parallel registers. In serial host mode, this pin serves as the serial control clock signal,
specifically as the SPI clock input. INPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com