Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS494502 Datasheet(PDF) 92 Page - Cirrus Logic

Part # CS494502
Description  Multi-Standard Audio Decoder Family
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS494502 Datasheet(HTML) 92 Page - Cirrus Logic

Back Button CS494502 Datasheet HTML 88Page - Cirrus Logic CS494502 Datasheet HTML 89Page - Cirrus Logic CS494502 Datasheet HTML 90Page - Cirrus Logic CS494502 Datasheet HTML 91Page - Cirrus Logic CS494502 Datasheet HTML 92Page - Cirrus Logic CS494502 Datasheet HTML 93Page - Cirrus Logic CS494502 Datasheet HTML 94Page - Cirrus Logic CS494502 Datasheet HTML 95Page - Cirrus Logic CS494502 Datasheet HTML 96Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 100 page
background image
92
CMOS level output that outputs a biphase-mark encoded (S/PDIF) IEC60958 signal or digital
audio data which is capable of carrying two channels of PCM digital audio. OUTPUT
AUDATA4, GPIO28 — Digital Audio Output 4, General Purpose I/O
PCM digital-audio data output. This pin can act as a general-purpose input or output that can
be individually configured and controlled by DSPC. BIDIRECTIONAL - Default: OUTPUT
AUDATA5, GPIO29 — Digital Audio Output 5, General Purpose I/O
PCM digital-audio data output. This pin can act as a general-purpose input or output that can
be individually configured and controlled by DSPC. BIDIRECTIONAL - Default: OUTPUT
AUDATA6, GPIO30 — Digital Audio Output 6, General Purpose I/O
PCM digital-audio data output. This pin can act as a general-purpose input or output that can
be individually configured and controlled by DSPC. BIDIRECTIONAL - Default: OUTPUT
AUDATA7, XMT958B, GPIO31 — Digital Audio Output 7, S/PDIF Transmitter, General Purpose I/O
CMOS level output that contains a biphase-mark encoded (S/PDIF) IEC60958 signal or digital
audio data which is capable of carrying two channels of PCM digital audio. This pin can also
act as a general-purpose input or output that can be individually configured and controlled by
DSPC. BIDIRECTIONAL - Default: OUTPUT
DBCK — Debug Clock
Must be tied high to 3.3k ohm resistor. INPUT
DBDA — Debug Data
Must be tied high to 3.3k ohm resistor. BIDIRECTIONAL - Default: INPUT
SLCKN, GPIO22 — PCM Audio Input Bit Clock, General Purpose I/O
Digital-audio bit clock that is an input. SCLKN operates asynchronously from all other DSPAB
clocks. The active edge of SCLKN can be programmed by the DSP. This pin can act as a
general-purpose input or output that can be individually configured and controlled by DSPC.
BIDIRECTIONAL - Default: INPUT
LRCLKN, GPIO23 — PCM Audio Input Sample Rate Clock, General Purpose I/O
Digital-audio frame clock input. LRCLKN operates asynchronously from all other DSPAB
clocks. The polarity of LRCLKN for a particular subframe can be programmed by the DSP.
This pin can act as a general-purpose input or output that can be individually configured and
controlled by DSPC. BIDIRECTIONAL - Default: INPUT
SDATAN0, GPIO24 — PCM Audio Input Data, General Purpose I/O
Digital-audio PCM data input. This pin can act as a general-purpose input or output that can
be individually configured and controlled by DSPC. BIDIRECTIONAL - Default: INPUT
SDATAN1, GPIO25 — PCM Audio Input Data, General Purpose I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com