Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS87C520 Datasheet(PDF) 16 Page - Dallas Semiconductor

Part # DS87C520
Description  EPROM/ROM High-Speed Micro
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS87C520 Datasheet(HTML) 16 Page - Dallas Semiconductor

Back Button DS87C520 Datasheet HTML 12Page - Dallas Semiconductor DS87C520 Datasheet HTML 13Page - Dallas Semiconductor DS87C520 Datasheet HTML 14Page - Dallas Semiconductor DS87C520 Datasheet HTML 15Page - Dallas Semiconductor DS87C520 Datasheet HTML 16Page - Dallas Semiconductor DS87C520 Datasheet HTML 17Page - Dallas Semiconductor DS87C520 Datasheet HTML 18Page - Dallas Semiconductor DS87C520 Datasheet HTML 19Page - Dallas Semiconductor DS87C520 Datasheet HTML 20Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 45 page
background image
DS87C520/DS83C520 EPROM/ROM High-Speed Microcontrollers
16 of 45
Switchback
To return to a 4-clock rate from PMM, software can simply select the CD1 and CD0 clock control bits to
the 4 clocks per cycle state. However, the DS87C520/DS83C520 provide several hardware alternatives
for automatic Switchback. If Switchback is enabled, then the device will automatically return to a 4-clock
per cycle speed when an interrupt occurs from an enabled, valid external interrupt source. A Switchback
will also occur when a UART detects the beginning of a serial start bit if the serial receiver is enabled
(REN = 1). Note the beginning of a start bit does not generate an interrupt; this occurs on reception of a
complete serial word. The automatic Switchback on detection of a start bit allows hardware to correct
baud rates in time for a proper serial reception. A switchback will also occur when a byte is written to
SBUF0 or SBUF1 for transmission.
Switchback is enabled by setting the SWB bit (PMR.5) to a 1 in software. For an external interrupt,
Switchback will occur only if the interrupt source could really generate the interrupt. For example, if
INT0
is enabled but has a low priority setting, then Switchback will not occur on INT0 if the CPU is
servicing a high priority interrupt.
Status
Information in the Status register assists decisions about switching into PMM. This register contains
information about the level of active interrupts and the activity on the serial ports.
The DS87C520/DS83C520 support three levels of interrupt priority. These levels are Power-fail, High,
and Low. Bits STATUS.7-5 indicate the service status of each level. If PIP (Power-fail Interrupt Priority;
STATUS. 7) is a 1, then the processor is servicing this level. If either HIP (High Interrupt Priority;
STATUS.6) or LIP (Low Interrupt Priority; STATUS.5) is high, then the corresponding level is in
service.
Software should not rely on a lower priority level interrupt source to remove PMM (Switchback) when a
higher level is in service. Check the current priority service level before entering PMM. If the current
service level locks out a desired Switchback source, then it would be advisable to wait until this condition
clears before entering PMM.
Alternately, software can prevent an undesired exit from PMM by entering a low priority interrupt service
level before entering PMM. This will prevent other low priority interrupts from causing a Switchback.
Status also contains information about the state of the serial ports. Serial Port 0 Receive Activity
(SPRA0;STATUS.0) indicates a serial word is being received on Serial Port 0 when this bit is set to a 1.
Serial Port 0 Transmit Activity (SPTA0; STATUS.1) indicates that the serial port is still shifting out a
serial transmission. STATUS.2 and STATUS.3 provide the same information for Serial Port 1,
respectively. These bits should be interrogated before entering PMM1 or PMM2 to ensure that no serial
port operations are in progress. Changing the clock divisor rate during a serial transmission or reception
will corrupt the operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com