Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS87C520 Datasheet(PDF) 25 Page - Dallas Semiconductor

Part # DS87C520
Description  EPROM/ROM High-Speed Micro
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS87C520 Datasheet(HTML) 25 Page - Dallas Semiconductor

Back Button DS87C520 Datasheet HTML 21Page - Dallas Semiconductor DS87C520 Datasheet HTML 22Page - Dallas Semiconductor DS87C520 Datasheet HTML 23Page - Dallas Semiconductor DS87C520 Datasheet HTML 24Page - Dallas Semiconductor DS87C520 Datasheet HTML 25Page - Dallas Semiconductor DS87C520 Datasheet HTML 26Page - Dallas Semiconductor DS87C520 Datasheet HTML 27Page - Dallas Semiconductor DS87C520 Datasheet HTML 28Page - Dallas Semiconductor DS87C520 Datasheet HTML 29Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 45 page
background image
DS87C520/DS83C520 EPROM/ROM High-Speed Microcontrollers
25 of 45
TIMED-ACCESS PROTECTION
It is useful to protect certain SFR bits from an accidental write operation. The Timed Access procedure
stops an errant CPU from accidentally changing these bits. It requires that the following instructions
precede a write of a protected bit.
MOV
0C7h,
#0Aah
MOV
0C7h,
#55h
Writing an AAh then a 55h to the Timed Access register (location C7h) opens a 3-cycle window for write
access. The window allows software to modify a protected bit(s). If these instructions do not immediately
precede the write operation, then the write will not take effect. The protected bits are:
EXIF.0
BGS
Bandgap Select
WDCON.6
POR
Power-On Reset flag
WDCON.1
EWT
Enable Watchdog Reset
WDCON.0
RWT
Restart Watchdog
WDCON.3
WDIF
Watchdog Interrupt Flag
ROMSIZE.2
RMS2
ROM Size Select 2
ROMSIZE.1
RMS1
ROM Size Select 1
ROMSIZE.0
RMS0
ROM Size Select 0
EPROM PROGRAMMING
The DS87C520 follows standards for a 16kB EPROM version in the 8051 family. It is available in a UV-
erasable, ceramic-windowed package and in plastic packages for one-time user-programmable versions.
The part has unique signature information so programmers can support its specific EPROM options.
ROM-specific features are described later in this data sheet.
Most commercially available device programmers will directly support Dallas Semiconductor
microcontrollers. If your programmer does not, please contact the manufacturer for updated software.
PROGRAMMING PROCEDURE
The DS87C520 should run from a clock speed between 4MHz and 6MHz when being programmed. The
programming fixture should apply address information for each byte to the address lines and the data
value to the data lines. The control signals must be manipulated as shown in Table 9. The diagram in
Table 5 shows the expected electrical connection for programming. Note that the programmer must apply
addresses in demultiplexed fashion to Ports 1 and 2 with data on Port 0. Waveforms and timing are
provided in the Electrical Specifications section.
Program the DS87C520 as follows:
1) Apply the address value,
2) Apply the data value,
3) Select the programming option from Table 9 using the control signals,
4) Increase the voltage on VPP from 5V to 12.75V if writing to the EPROM,
5) Pulse the PROG signal five times for EPROM array and 25 times for encryption table, lock bits, and
other EPROM bits,
6) Repeat as many times as necessary.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com