Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS87C520 Datasheet(PDF) 45 Page - Dallas Semiconductor

Part # DS87C520
Description  EPROM/ROM High-Speed Micro
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS87C520 Datasheet(HTML) 45 Page - Dallas Semiconductor

Back Button DS87C520 Datasheet HTML 37Page - Dallas Semiconductor DS87C520 Datasheet HTML 38Page - Dallas Semiconductor DS87C520 Datasheet HTML 39Page - Dallas Semiconductor DS87C520 Datasheet HTML 40Page - Dallas Semiconductor DS87C520 Datasheet HTML 41Page - Dallas Semiconductor DS87C520 Datasheet HTML 42Page - Dallas Semiconductor DS87C520 Datasheet HTML 43Page - Dallas Semiconductor DS87C520 Datasheet HTML 44Page - Dallas Semiconductor DS87C520 Datasheet HTML 45Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 45 / 45 page
background image
DS87C520/DS83C520 EPROM/ROM High-Speed Microcontrollers
45 of 45
Maxim/Dallas Semiconductor cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim/Dallas Semiconductor product.
No circuit patent licenses are implied. Maxim/Dallas Semiconductor reserves the right to change the circuitry and specifications without notice at any time.
Maxim Integrated Products, 120 San Ga briel Drive, Sunnyvale, CA 94086 408-737-7600
© 2005 Maxim Integrated Products
• Printed USA
The Maxim logo is a registered trademark of Maxim Integrated Products, Inc. The Dallas logo is a registered trademark of Dallas Semiconductor Corporation.
DATA SHEET REVISION SUMMARY
REVISION
DESCRIPTION
091605
1) In DC Electrical Characteristics table, added separate specification for DS83C520 VPFW.
2) Changed VRST max to from 4.25V to 4.275V for DS83C520 value.
070505
3) Added Pb-free/RoHS-compliant part numbers to Ordering Information table.
4) Deleted the “A” from the IPC/JEDEC J-STD-020 specification in the Absolute Maximum Ratings.
040104
5) Removed “Preliminary” status.
6) Soldering temperature parameter now references JEDEC specification.
7) Added note to absolute maximums clarifying voltages referenced to ground.
8) Updated ICC, IIDLE, ISTOP, ISPBG, IIL, and ITL to incorporate errata conditions.
9) Added note clarifying DC electrical test conditions.
10) Added note clarifying VOH3 specification applies to first clock cycle following the transition.
11) Updated AC and MOVX electrical characteristics with final characterization values.
12) Added tAVLL2 specification and corrected MOVX timing diagrams to show tAVLL2 instead of tAVLL.
070300
1) Corrected P0 pinout description for TQFP package.
2) Clarified point at which reset delay begins.
070698
1) Update PMM operating current estimates
2) Added note to clarify IIL specification.
3) Added note to prevent accidental corruption of Watchdog Timer count while changing counter length.
4) Changed minimum oscillator frequency to 1MHz when using external crystal.
5) Changed RST pulldown resistance from 170k
Ω to 200kΩ maximum.
6) Corrected “Data memory write with stretch” diagrams to show falling edge of ALE coincident with
rising edge of C3 clock.
022097
1) Update ALE pin description.
2) Add note pertaining to erasure window.
3) Add note pertaining to internal MOVX SRAM.
4) Change Note 10 from RST = 5.5V to RST = VCC.
5) Change serial port mode 0 timing diagram label from tQVXL to tQVXH.
110195
Preliminary release.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com