Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS87C520 Datasheet(PDF) 28 Page - Dallas Semiconductor

Part # DS87C520
Description  EPROM/ROM High-Speed Micro
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS87C520 Datasheet(HTML) 28 Page - Dallas Semiconductor

Back Button DS87C520 Datasheet HTML 24Page - Dallas Semiconductor DS87C520 Datasheet HTML 25Page - Dallas Semiconductor DS87C520 Datasheet HTML 26Page - Dallas Semiconductor DS87C520 Datasheet HTML 27Page - Dallas Semiconductor DS87C520 Datasheet HTML 28Page - Dallas Semiconductor DS87C520 Datasheet HTML 29Page - Dallas Semiconductor DS87C520 Datasheet HTML 30Page - Dallas Semiconductor DS87C520 Datasheet HTML 31Page - Dallas Semiconductor DS87C520 Datasheet HTML 32Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 45 page
background image
DS87C520/DS83C520 EPROM/ROM High-Speed Microcontrollers
28 of 45
Figure 5. EPROM Programming Configuration
ROM-SPECIFIC FEATURES
The DS83C520 supports a subset of the EPROM features found on the DS87C520.
SECURITY OPTIONS
Lock Bits
The DS83C520 employs a lock that restricts viewing of the ROM contents. When set, the lock will
prevent MOVC instructions in external memory from reading program bytes in internal memory. When
locked, the EA pin is sampled and latched on reset. The lock setting is enabled or disabled when the
devices are manufactured according to customer specifications. The lock bit cannot be read in software,
and its status can only be determined by observing the operation of the device.
Encryption Array
The DS83C520 Encryption Array allows an authorized user to verify ROM without allowing the true
memory contents to be dumped. During a verify, each byte is Exclusive NORed (XNOR) with a byte in
the Encryption Array. This results in a true representation of the ROM while the Encryption is
unprogrammed (FFh). Once the Encryption Array is programmed in a non-FFh state, the Encryption
Array is programmed (or optionally left unprogrammed) when the devices are manufactured according to
customer specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com