Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA1916 Datasheet(PDF) 1 Page - Dynex Semiconductor

Part # MA1916
Description  Radiation Hard Reed-Solomon & Convolution Encoder
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MA1916 Datasheet(HTML) 1 Page - Dynex Semiconductor

  MA1916 Datasheet HTML 1Page - Dynex Semiconductor MA1916 Datasheet HTML 2Page - Dynex Semiconductor MA1916 Datasheet HTML 3Page - Dynex Semiconductor MA1916 Datasheet HTML 4Page - Dynex Semiconductor MA1916 Datasheet HTML 5Page - Dynex Semiconductor MA1916 Datasheet HTML 6Page - Dynex Semiconductor MA1916 Datasheet HTML 7Page - Dynex Semiconductor MA1916 Datasheet HTML 8Page - Dynex Semiconductor MA1916 Datasheet HTML 9Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
MA1916
1/11
The purpose of the MA1916 is to encode serial data to
allow error correction when the data is transmitted over a noisy
communication link. As the name suggests, the unit contains
two encoding elements. The Reed-Solomon encoder appends
a checksum to a block of data, guarding against burst errors in
a message. The convolution encoder continuously creates two
code bits for each data bit it receives, increasing the noise
immunity by doubling the band width of the message. The unit
also contains a test pattern generator which can be connected
to check the functionality of the RS encoder and to provide a
message timing signal (SMC_OUT).
Protection against a long error-burst can be increased by
interleaving a number of message packets passing through
the RS encoder. The MA1916 provides pin selectable
interleave depths of 1, 4 or 5. Interleave depths of greater than
5 do not significantly improve performance.
The MA1916 is designed to conform to the CCSDS
standard for telemetry 101.0.B.2. It is manufactured in a
radiation hard low power CMOS technology. This makes it
ideal for use in satellite communications systems. The encoder
reduces the risk of data corruption and allows the designer to
minimize the transmitter power needed to establish an
effective communications link.
FEATURES
s Radiation Hard CMOS-SOS Technology
s Low Power Consumption
s Latch-up Free
s High SEU Immunity
s CCSDS Standard RS (255, 223)
s Selectable Interleave Depths of 1, 4 or 5
s 5MBit/sec Input Data Rate
Figure 1: Block Diagram
MA1916
Radiation Hard Reed-Solomon
& Convolution Encoder
Replaces June 1999 version, DS3590-4.0
DS3590-5.0 January 2000


Similar Part No. - MA1916

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
MA19101BAN MURATA-MA19101BAN Datasheet
240Kb / 6P
HIGH FREQUENCY CERAMIC CAPACITORS
MA19101BBN MURATA-MA19101BBN Datasheet
240Kb / 6P
HIGH FREQUENCY CERAMIC CAPACITORS
MA19101CAN MURATA-MA19101CAN Datasheet
240Kb / 6P
HIGH FREQUENCY CERAMIC CAPACITORS
MA19101CBN MURATA-MA19101CBN Datasheet
240Kb / 6P
HIGH FREQUENCY CERAMIC CAPACITORS
MA19101DAN MURATA-MA19101DAN Datasheet
240Kb / 6P
HIGH FREQUENCY CERAMIC CAPACITORS
More results

Similar Description - MA1916

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7207H PHILIPS-SAA7207H Datasheet
98Kb / 20P
Reed Solomon decoder IC
1996 Jul 17
logo
Dynex Semiconductor
MA7001 DYNEX-MA7001 Datasheet
144Kb / 15P
Radiation Hard 512x9 Bit FIFO
logo
List of Unclassifed Man...
AHA4011C ETC-AHA4011C Datasheet
466Kb / 28P
10 MBytes/sec Reed-Solomon Error Correction Device
AHA4012B-006 ETC-AHA4012B-006 Datasheet
457Kb / 28P
1.5 MBytes/sec Reed-Solomon Error Correction Device
AHA4210 ETC1-AHA4210 Datasheet
470Kb / 36P
Viterbi with Reed-Solomon Decoder
COIC5130A ETC1-COIC5130A Datasheet
291Kb / 20P
Programmable Reed-Solomon Error Correction Encoder and Decoder
logo
Freescale Semiconductor...
AN2407 FREESCALE-AN2407 Datasheet
556Kb / 48P
Reed Solomon Encoder/Decoder on the StarCore SC140/SC1400 Cores, With Extended Examples
logo
List of Unclassifed Man...
MA2909 ETC1-MA2909 Datasheet
133Kb / 13P
RADIATION HARD MICROPROGRAM SEQUENCER
MA2910 ETC1-MA2910 Datasheet
201Kb / 16P
RADIATION HARD MICROPROGRAM CONTROLLER
logo
Actel Corporation
MC-ACT-RSENC-NET ACTEL-MC-ACT-RSENC-NET Datasheet
121Kb / 5P
Reed-Solomon Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com