Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA1916 Datasheet(PDF) 6 Page - Dynex Semiconductor

Part # MA1916
Description  Radiation Hard Reed-Solomon & Convolution Encoder
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MA1916 Datasheet(HTML) 6 Page - Dynex Semiconductor

Back Button MA1916 Datasheet HTML 2Page - Dynex Semiconductor MA1916 Datasheet HTML 3Page - Dynex Semiconductor MA1916 Datasheet HTML 4Page - Dynex Semiconductor MA1916 Datasheet HTML 5Page - Dynex Semiconductor MA1916 Datasheet HTML 6Page - Dynex Semiconductor MA1916 Datasheet HTML 7Page - Dynex Semiconductor MA1916 Datasheet HTML 8Page - Dynex Semiconductor MA1916 Datasheet HTML 9Page - Dynex Semiconductor MA1916 Datasheet HTML 10Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
MA1916
6/11
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
CIN
Input Capacitance
Vl = 0V
-
3
5
pF
COUT
Output Capacitance
VI/O = 0V
-
5
7
pF
Note: TA = 25°C and f = 1MHz. Data obtained by characterisation or analysis; not routinely measured.
Table 6: Capacitance
Symbol
Parameter
Conditions
FT
Functionality
VDD = 4.5V - 5.5V, Frequency = 1MHz
VIL = VSS, VIH = VDD, VOL = VOH = VDD/2
Temperature = -55
°C to +125°C, Radiation to 1MRad Total Dose
Mil-Std-883, method 5005, subgroups 7, 8A, 8B
Table 7: Functionality
Subgroup
Definition
1
Static characteristics specified in Table 4 at +25
°C
2
Static characteristics specified in Table 4 at +125
°C
3
Static characteristics specified in Table 4 at -55
°C
7
Functional characteristics specified in Table 7 at +25
°C
8A
Functional characteristics specified in Table 7 at +125
°C
8B
Functional characteristics specified in Table 7 at -55
°C
9
Switching characteristics specified in Table 5 at +25
°C
10
Switching characteristics specified in Table 5 at +125
°C
11
Switching characteristics specified in Table 5 at -55
°C
Table 8: Definition of Subgroups



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com