Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC28304 Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # MIC28304
Description  70V 3A Power Module
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC28304 Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button MIC28304 Datasheet HTML 6Page - Micrel Semiconductor MIC28304 Datasheet HTML 7Page - Micrel Semiconductor MIC28304 Datasheet HTML 8Page - Micrel Semiconductor MIC28304 Datasheet HTML 9Page - Micrel Semiconductor MIC28304 Datasheet HTML 10Page - Micrel Semiconductor MIC28304 Datasheet HTML 11Page - Micrel Semiconductor MIC28304 Datasheet HTML 12Page - Micrel Semiconductor MIC28304 Datasheet HTML 13Page - Micrel Semiconductor MIC28304 Datasheet HTML 14Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
Micrel, Inc.
MIC28304
Typical Characteristics (Continued)
0
10
20
30
40
50
5
10 15 20 25 30 35 40 45 50 55 60 65 70
INPUT VOLTAGE (V)
VIN Operating Supply Current
vs. Input Voltage (MIC28304-2)
V
OUT = 5V
I
OUT = 0A
F
SW = 600kHz
0.792
0.796
0.800
0.804
0.808
0.812
7 12 17 22 27 32 37 42 47 52 57 62 67
INPUT VOLTAGE (V)
Feedback Voltage
vs. Input Voltage (MIC28304-2)
V
OUT = 5.0V
I
OUT = 0A
F
SW = 600kHz
-1.0%
-0.8%
-0.6%
-0.4%
-0.2%
0.0%
0.2%
0.4%
0.6%
0.8%
1.0%
7 12 17 22 27 32 37 42 47 52 57 62 67
INPUT VOLTAGE (V)
Output Regulation
vs. Input Voltage (MIC28304-2)
V
OUT = 5.0V
I
OUT = 0A TO 3A
F
SW = 600kHz
0
5
10
15
20
25
30
35
40
45
50
5 10 15 20 25 30 35 40 45 50 55 60 65 70
INPUT VOLTAGE (V)
VIN Shutdown Current
vs. Input Voltage
V
EN = 0V
R16 = OPEN
FSW = 600kHz
0
2
4
6
8
10
7
12 17 22 27 32 37 42 47 52 57 62 67
INPUT VOLTAGE (V)
PVDD Voltage
vs. Input Voltage
V
OUT = 5.0V
F
SW = 600kHz
I
PVDD = 10mA
I
PVDD = 40mA
0
2
4
6
8
10
7
12 17 22 27 32 37 42 47 52 57 62 67
INPUT VOLTAGE (V)
Output Peak Current Limit
vs. Input Voltage
V
OUT = 5.0V
F
SW = 600kHz
400
450
500
550
600
650
700
750
800
7
12 17 22 27 32 37 42 47 52 57 62 67
INPUT VOLTAGE (V)
Switching Frequency
vs. Input Voltage
V
OUT = 5.0V
I
OUT = 2A
0.00
0.30
0.60
0.90
1.20
1.50
5 10 15 20 25 30 35 40 45 50 55 60 65 70
INPUT VOLTAGE (V)
Enable Threshold
vs. Input Voltage
FALLING
RISING
F
SW = 600kHz
0
1
2
3
4
5
6
7
8
9
10
-50
-25
0
25
50
75
100
125
TEMPERATURE (
°C)
VIN Shutdown Current
vs. Temperature
VIN = 12V
V
EN = 0V
I
OUT = 0A
FSW = 600kHz
March 25, 2014
10
Revision 1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com