Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC28304 Datasheet(PDF) 30 Page - Micrel Semiconductor

Part # MIC28304
Description  70V 3A Power Module
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC28304 Datasheet(HTML) 30 Page - Micrel Semiconductor

Back Button MIC28304 Datasheet HTML 26Page - Micrel Semiconductor MIC28304 Datasheet HTML 27Page - Micrel Semiconductor MIC28304 Datasheet HTML 28Page - Micrel Semiconductor MIC28304 Datasheet HTML 29Page - Micrel Semiconductor MIC28304 Datasheet HTML 30Page - Micrel Semiconductor MIC28304 Datasheet HTML 31Page - Micrel Semiconductor MIC28304 Datasheet HTML 32Page - Micrel Semiconductor MIC28304 Datasheet HTML 33Page - Micrel Semiconductor MIC28304 Datasheet HTML 34Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 39 page
background image
Micrel, Inc.
MIC28304
Table 3. Recommended Component Values for 600kHz Switching Frequency
VOUT
VIN
R3
(Rinj)
R1
(Top Feedback
Resistor)
R11
(Bottom Feedback
Resistor)
R19
C10
(Cinj)
C12
(Cff)
COUT
0.9V
5V to 70V
16.5kΩ
10kΩ
80.6kΩ
DNP
0.1µF
2.2nF
47µF/6.3V
or 2 x 22µF
1.2V
5V to 70V
16.5kΩ
10kΩ
20kΩ
DNP
0.1µF
2.2nF
47µF/6.3V
or 2 x 22µF
1.8V
5V to 70V
16.5kΩ
10kΩ
8.06kΩ
DNP
0.1µF
2.2nF
47µF/6.3V
or 2 x 22µF
2.5V
5V to 70V
16.5kΩ
10kΩ
4.75kΩ
DNP
0.1µF
2.2nF
47µF/6.3V
or 2 x 22µF
3.3V
5V to 70V
16.5kΩ
10kΩ
3.24kΩ
DNP
0.1µF
2.2nF
47µF/6.3V
or 2 x 22µF
5V
7V to 70V
16.5kΩ
10kΩ
1.9kΩ
DNP
0.1µF
2.2nF
47µF/6.3V
or 2 x 22µF
12V
18V to 70V
23.2kΩ
10kΩ
715Ω
DNP
0.1µF
2.2nF
47µF/16V
or 2 x 22µF
Thermal Measurements and Safe Operating Area
Measuring the IC’s case temperature is recommended to
ensure it is within its operating limits. Although this might
seem like a very elementary task, it is easy to get
erroneous results. The most common mistake is to use
the standard thermal couple that comes with a thermal
meter. This thermal couple wire gauge is large, typically
22 gauge, and behaves like a heatsink, resulting in a
lower case measurement.
Two methods of temperature measurement are using a
smaller thermal couple wire or an infrared thermometer. If
a thermal couple wire is used, it must be constructed of
36-gauge wire or higher (smaller wire size) to minimize
the wire heat-sinking effect. In addition, the thermal
couple tip must be covered in either thermal grease or
thermal glue to make sure that the thermal couple
junction is making good contact with the case of the IC.
Omega
brand
thermal
couple
(5SC-TT-K-36-36)
is
adequate for most applications.
Wherever
possible,
an
infrared
thermometer
is
recommended. The measurement spot size of most
infrared thermometers is too large for an accurate
reading on a small form factor ICs.
However, an IR thermometer from Optris has a 1mm spot
size, which makes it a good choice for measuring the
hottest point on the case. An optional stand makes it
easy to hold the beam on the IC for long periods of time.
The safe operating area (SOA) of the MIC28304 is shown
in the Typical Characteristics
− 275kHz Switching
Frequency section. These thermal measurements were
taken
on
MIC28304
evaluation
board.
Since
the
MIC28304 is an entire system comprised of switching
regulator controller, MOSFETs and inductor, the part
needs to be considered as a system. The SOA curves
will give guidance to reasonable use of the MIC28304.
Emission Characteristics of MIC28304
The MIC28304 integrates switching components in a
single package, so the MIC28304 has reduced emission
compared to standard buck regulator with external
MOSFETS and inductors. The radiated EMI scans for
MIC28304 are shown in the Typical Characteristics
section. The limit on the graph is per EN55022 Class B
standard.
March 25, 2014
30
Revision 1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com