Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC28304 Datasheet(PDF) 14 Page - Micrel Semiconductor

Part # MIC28304
Description  70V 3A Power Module
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC28304 Datasheet(HTML) 14 Page - Micrel Semiconductor

Back Button MIC28304 Datasheet HTML 10Page - Micrel Semiconductor MIC28304 Datasheet HTML 11Page - Micrel Semiconductor MIC28304 Datasheet HTML 12Page - Micrel Semiconductor MIC28304 Datasheet HTML 13Page - Micrel Semiconductor MIC28304 Datasheet HTML 14Page - Micrel Semiconductor MIC28304 Datasheet HTML 15Page - Micrel Semiconductor MIC28304 Datasheet HTML 16Page - Micrel Semiconductor MIC28304 Datasheet HTML 17Page - Micrel Semiconductor MIC28304 Datasheet HTML 18Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 39 page
background image
Micrel, Inc.
MIC28304
Typical Characteristics (Continued)
0
1
2
3
25
40
55
70
85
100
MAXIMUM AMBIENT TEMPERATURE
(
°C)
Thermal Derating
V
OUT = 5V
F
SW = 600kHz
MIC28304-2
T
j_MAX = 125°C
VIN = 18V
VIN = 12V
VIN = 24V
VIN = 48V
0
1
2
3
25
40
55
70
85
100
MAXIMUM AMBIENT TEMPERATURE
(
°C)
Thermal Derating
V
OUT = 3.3V
F
SW = 600kHz
MIC28304-2
T
j_MAX = 125°C
VIN = 18V
VIN = 12V
VIN = 24V
VIN = 48V
0
1
2
3
25
40
55
70
85
100
MAXIMUM AMBIENT TEMPERATURE
(
°C)
Thermal Derating
V
OUT = 2.5V
F
SW = 600kHz
MIC28304-2
T
j_MAX = 125°C
VIN =18V
VIN = 12V
VIN = 24V
VIN = 48V
0
1
2
3
25
40
55
70
85
100
MAXIMUM AMBIENT TEMPERATURE
(
°C)
Thermal Derating
V
OUT = 1.8V
F
SW = 600kHz
MIC28304-2
T
j_MAX =125°C
VIN = 12V
VIN = 24V
VIN = 48V
VIN =18V
0
1
2
3
25
40
55
70
85
100
MAXIMUM AMBIENT TEMPERATURE
(
°C)
Thermal Derating
V
OUT = 1.2V
F
SW = 600kHz
MIC28304-2
T
j_MAX =125°C
VIN = 12V
VIN = 24V
VIN = 48V
VIN =18V
0
1
2
3
25
40
55
70
85
100
MAXIMUM AMBIENT TEMPERATURE
(
°C)
Thermal Derating
V
OUT = 0.8V
F
SW = 600kHz
MIC28304-2
T
j_MAX =125°C
VIN =18V
VIN = 12V
VIN = 48V
VIN = 24V
0
1
2
3
25
40
55
70
85
100
MAXIMUM AMBIENT TEMPERATURE
(°C)
Thermal Derating
V
OUT = 12V
F
SW = 600kHz
MIC28304-2
R3 = 23.2k
Ω
T
j_MAX =125°C
48VIN
18VIN
VIN = 48V
VIN = 24V
0
1
2
3
4
5
6
7
8
9
0
1
2
3
4
OUTPUT CURRENT (A)
IC Power Dissipation
vs. Output Current (MIC28304-2)
V
OUT = 12V
R3 = 23.2kΩ
F
SW = 600kHz
70VIN
48VIN
36VIN
24VIN
18VIN
50
55
60
65
70
75
80
85
90
95
100
0
0.6
1.2
1.8
2.4
3
3.6
OUTPUT CURRENT (A)
Efficiency
vs. Output Current (MIC28304-2)
V
OUT = 12V
F
SW = 600kHz
R3 = 23.2kΩ
18VIN
24VIN
36VIN
48VIN
70VIN
March 25, 2014
14
Revision 1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com