Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC28304 Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # MIC28304
Description  70V 3A Power Module
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC28304 Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button MIC28304 Datasheet HTML 7Page - Micrel Semiconductor MIC28304 Datasheet HTML 8Page - Micrel Semiconductor MIC28304 Datasheet HTML 9Page - Micrel Semiconductor MIC28304 Datasheet HTML 10Page - Micrel Semiconductor MIC28304 Datasheet HTML 11Page - Micrel Semiconductor MIC28304 Datasheet HTML 12Page - Micrel Semiconductor MIC28304 Datasheet HTML 13Page - Micrel Semiconductor MIC28304 Datasheet HTML 14Page - Micrel Semiconductor MIC28304 Datasheet HTML 15Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
Micrel, Inc.
MIC28304
Typical Characteristics (Continued)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
-50
-25
0
25
50
75
100
125
TEMPERATURE (
°C)
PVDD Voltage
vs. Temperature
VIN = 12V
I
OUT = 0A
F
SW = 600kHz
I
PVDD = 40mA
I
PVDD = 10mA
3.3
3.4
3.5
3.6
3.7
3.8
3.9
4.0
4.1
4.2
4.3
4.4
-50
-25
0
25
50
75
100
125
TEMPERATURE (
°C)
PVDD UVLO Threshold
vs. Temperature
RISING
FALLING
V
IN = 12V
I
OUT = 0A
F
SW = 600kHz
0
2
4
6
8
10
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
Output Peak Current Limit
vs. Temperature
VIN = 12V
V
OUT = 5.0V
F
SW = 600kHz
0
20
40
60
80
100
-50
-25
0
25
50
75
100
125
TEMPERATURE (
°C)
EN Bias Current
vs. Temperature
VIN = 12V
V
EN = 0V
F
SW = 600kHz
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
-50
-25
0
25
50
75
100
125
TEMPERATURE (
°C)
Enable Threshold
vs. Temperature
FALLING
RISING
VIN = 12V
V
OUT = 5V
F
SW = 600kHz
0
4
8
12
16
20
24
28
32
36
40
-50
-25
0
25
50
75
100
125
TEMPERATURE (
°C)
VIN Operating Supply Current
vs. Temperature (MIC28304-2)
VIN = 12V
V
OUT = 5.0V
I
OUT = 0A
F
SW = 600kHz
0.792
0.796
0.800
0.804
0.808
0.812
-50
-25
0
25
50
75
100
125
TEMPERATURE (
°C)
Feedback Voltage
vs. Temperature (MIC28304-2)
V
IN = 12V
V
OUT = 5.0V
I
OUT = 0A
F
SW = 600kHz
-0.3%
-0.2%
-0.1%
0.0%
0.1%
0.2%
0.3%
0.4%
-50
-25
0
25
50
75
100
125
TEMPERATURE (
°C)
Load Regulation
vs. Temperature (MIC28304-2)
VIN = 12V
V
OUT = 5.0V
I
OUT = 0A TO 3A
F
SW = 600kHz
-1.00%
-0.50%
0.00%
0.50%
1.00%
-50
-25
0
25
50
75
100
125
TEMPERATURE (
°C)
Line Regulation
vs. Temperature (MIC28304-2)
VIN = 7V TO 70V
V
OUT = 5.0V
I
OUT = 0A
F
SW = 600kHz
March 25, 2014
11
Revision 1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com