Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC28304 Datasheet(PDF) 23 Page - Micrel Semiconductor

Part # MIC28304
Description  70V 3A Power Module
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC28304 Datasheet(HTML) 23 Page - Micrel Semiconductor

Back Button MIC28304 Datasheet HTML 19Page - Micrel Semiconductor MIC28304 Datasheet HTML 20Page - Micrel Semiconductor MIC28304 Datasheet HTML 21Page - Micrel Semiconductor MIC28304 Datasheet HTML 22Page - Micrel Semiconductor MIC28304 Datasheet HTML 23Page - Micrel Semiconductor MIC28304 Datasheet HTML 24Page - Micrel Semiconductor MIC28304 Datasheet HTML 25Page - Micrel Semiconductor MIC28304 Datasheet HTML 26Page - Micrel Semiconductor MIC28304 Datasheet HTML 27Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 39 page
background image
Micrel, Inc.
MIC28304
Figure 1. MIC28304 Control Loop Timing
Figure 2 shows the operation of the MIC28304 during a
load transient. The output voltage drops due to the
sudden load increase, which causes the VFB to be less
than VREF. This will cause the error comparator to trigger
an ON-time period. At the end of the ON-time period, a
minimum OFF-time tOFF(MIN) is generated to charge the
bootstrap capacitor (CBST) since the feedback voltage is
still below VREF. Then, the next ON-time period is
triggered due to the low feedback voltage. Therefore, the
switching frequency changes during the load transient,
but returns to the nominal fixed frequency once the
output has stabilized at the new load current level. With
the varying duty cycle and switching frequency, the
output recovery time is fast and the output voltage
deviation is small.
Figure 2. MIC28304 Load Transient Response
Unlike true current-mode control, the MIC28304 uses the
output voltage ripple to trigger an ON-time period. The
output voltage ripple is proportional to the inductor
current ripple if the ESR of the output capacitor is large
enough.
In order to meet the stability requirements, the MIC28304
feedback voltage ripple should be in phase with the
inductor current ripple and are large enough to be sensed
by the gm amplifier and the error comparator. The
recommended feedback voltage ripple is 20mV~100mV
over full input voltage range. If a low ESR output
capacitor is selected, then the feedback voltage ripple
may be too small to be sensed by the gm amplifier and
the error comparator. Also, the output voltage ripple and
the feedback voltage ripple are not necessarily in phase
with the inductor current ripple if the ESR of the output
capacitor is very low. In these cases, ripple injection is
required to ensure proper operation. Please refer to
“Ripple Injection” subsection in Application Information for
more details about the ripple injection technique.
Discontinuous Mode (MIC28304-1 only)
In continuous mode, the inductor current is always
greater than zero; however, at light loads, the MIC28304-
1 is able to force the inductor current to operate in
discontinuous mode. Discontinuous mode is where the
inductor current falls to zero, as indicated by trace (IL)
shown in Figure 3. During this period, the efficiency is
optimized by shutting down all the non-essential circuits
and minimizing the supply current. The MIC28304-1
wakes up and turns on the high-side MOSFET when the
feedback voltage VFB drops below 0.8V.
The MIC28304-1 has a zero crossing comparator (ZC)
that monitors the inductor current by sensing the voltage
drop across the low-side MOSFET during its ON-time. If
the VFB > 0.8V and the inductor current goes slightly
negative, then the MIC28304-1 automatically powers
down most of the IC circuitry and goes into a low-power
mode.
Once the MIC28304-1 goes into discontinuous mode,
both DL and DH are low, which turns off the high-side
and low-side MOSFETs. The load current is supplied by
the output capacitors and VOUT drops. If the drop of VOUT
causes VFB to go below VREF, then all the circuits will
wake up into normal continuous mode. First, the bias
currents
of
most
circuits
reduced
during
the
discontinuous mode are restored, and then a tON pulse is
triggered before the drivers are turned on to avoid any
possible glitches. Finally, the high-side driver is turned
on.
Figure
3
shows
the
control
loop
timing
in
discontinuous mode.
March 25, 2014
23
Revision 1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com