Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF7021 Datasheet(PDF) 46 Page - Analog Devices

Part # ADF7021
Description  High Performance Narrow-Band Transceiver IC
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7021 Datasheet(HTML) 46 Page - Analog Devices

Back Button ADF7021 Datasheet HTML 42Page - Analog Devices ADF7021 Datasheet HTML 43Page - Analog Devices ADF7021 Datasheet HTML 44Page - Analog Devices ADF7021 Datasheet HTML 45Page - Analog Devices ADF7021 Datasheet HTML 46Page - Analog Devices ADF7021 Datasheet HTML 47Page - Analog Devices ADF7021 Datasheet HTML 48Page - Analog Devices ADF7021 Datasheet HTML 49Page - Analog Devices ADF7021 Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 64 page
background image
ADF7021
Data Sheet
Rev. B | Page 46 of 64
INTERFACING TO MICROCONTROLLER/DSP
Standard Transmit/Receive Data Interface
The standard transmit/receive signal and configuration interface
to a microcontroller is shown in Figure 58. In transmit mode,
the ADF7021 provides the data clock on the TxRxCLK pin, and
the TxRxDATA pin is used as the data input. The transmit data
is clocked into the ADF7021 on the rising edge of TxRxCLK.
MISO
ADuC84x
ADF7021
MOSI
SCLOCK
SS
P3.7
P3.2/INT0
P2.4
P2.5
TxRxDATA
TxRxCLK
CE
SWD
SREAD
SLE
P2.6
P2.7
SDATA
SCLK
GPIO
Figure 58. ADuC84x to ADF7021 Connection Diagram
In receive mode, the ADF7021 provides the synchronized data
clock on the TxRxCLK pin. The receive data is available on the
TxRxDATA pin. The rising edge of TxRxCLK should be used to
clock the receive data into the microcontroller. Refer to Figure 4
and Figure 5 for the relevant timing diagrams.
In 4FSK transmit mode, the MSB of the transmit symbol is
clocked into the ADF7021 on the first rising edge of the data
clock from the TxRxCLK pin. In 4FSK receive mode, the MSB
of the first payload symbol is clocked out on the first negative
edge of the data clock after the SWD, and should be clocked
into the microcontroller on the following rising edge. Refer to
Figure 6 and Figure 7 for the relevant timing diagrams.
UART Mode
In UART mode, the TxRxCLK pin is configured to input transmit
data in transmit mode. In receive mode, the receive data is available
on the TxRxDATA pin, thus providing an asynchronous data
interface. The UART mode can only be used with oversampled
2FSK. Figure 59 shows a possible interface to a microcontroller
using the UART mode of the ADF7021. To enable this UART
interface mode, set R0_DB28 high. Figure 8 and Figure 9 show
the relevant timing diagrams for UART mode.
UART
ADF7021
TxRxCLK
TxRxDATA
TxDATA
RxDATA
CE
SWD
SREAD
SLE
SDATA
SCLK
GPIO
MICROCONTROLLER
Figure 59. ADF7021(UART Mode) to Asynchronous Microcontroller Interface
SPI Mode
In SPI mode, the TxRxCLK pin is configured to input transmit
data in transmit mode. In receive mode, the receive data is available
on the TxRxDATA pin. The data clock in both transmit and receive
modes is available on the CLKOUT pin. In transmit mode, data
is clocked into the ADF7021 on the positive edge of CLKOUT.
In receive mode, the TxRxDATA data pin should be sampled by
the microcontroller on the positive edge of the CLKOUT.
To enable SPI interface mode, set R0_DB28 high and set
R15_DB[17:19] to 0x7. Figure 8 and Figure 9 show the relevant
timing diagrams for SPI mode, while Figure 60 shows the
recommended interface to a microcontroller using the SPI
mode of the ADF7021.
SPI
ADF7021
TxRxCLK
TxRxDATA
MISO
MOSI
CE
SWD
SREAD
SLE
SDATA
SCLK
GPIO
MICROCONTROLLER
SCLK
CLKOUT
Figure 60. ADF7021 (SPI Mode) to Microcontroller Interface
ADSP-BF533 interface
The suggested method of interfacing to the Blackfin® ADSP-
BF533 is given in Figure 61.
MOSI
ADSP-BF533
ADF7021
MISO
PF5
RSCLK1
DT1PRI
DR1PRI
RFS1
PF6
SDATA
SLE
TxRxDATA
SWD
CE
SCK
SCLK
SREAD
TxRxCLK
Figure 61. ADSP-BF533 to ADF7021 Connection Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com