Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF7021 Datasheet(PDF) 54 Page - Analog Devices

Part # ADF7021
Description  High Performance Narrow-Band Transceiver IC
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7021 Datasheet(HTML) 54 Page - Analog Devices

Back Button ADF7021 Datasheet HTML 50Page - Analog Devices ADF7021 Datasheet HTML 51Page - Analog Devices ADF7021 Datasheet HTML 52Page - Analog Devices ADF7021 Datasheet HTML 53Page - Analog Devices ADF7021 Datasheet HTML 54Page - Analog Devices ADF7021 Datasheet HTML 55Page - Analog Devices ADF7021 Datasheet HTML 56Page - Analog Devices ADF7021 Datasheet HTML 57Page - Analog Devices ADF7021 Datasheet HTML 58Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 64 page
background image
ADF7021
Data Sheet
Rev. B | Page 54 of 64
REGISTER 7—READBACK SETUP REGISTER
AD1
AD2
RB1
RB2
RB3
DB8
DB7
DB6
DB5
DB4
DB3
DB2
C2 (1)
C1 (1)
CONTROL
BITS
DB1
DB0
C3 (1)
C4 (0)
READBACK
SELECT
ADC
MODE
AD2
0
0
1
1
AD1
0
1
0
1
ADC MODE
MEASURE RSSI
BATTERY VOLTAGE
TEMP SENSOR
TO EXTERNAL PIN
RB2
0
0
1
1
RB1
0
1
0
1
READBACK MODE
AFC WORD
ADC OUTPUT
FILTER CAL
SILICON REV
RB3
0
1
READBACK
DISABLED
ENABLED
Figure 69. Register 7—Readback Setup Register Map
Readback of the measured RSSI value is valid only in Rx mode.
Readback of the battery voltage, temperature sensor, or voltage
at the external pin is not valid in Rx mode.
To read back the battery voltage, the temperature sensor, or the
voltage at the external pin in Tx mode, users should first power
up the ADC using R8_DB8 because it is turned off by default in
Tx mode to save power.
For AFC readback, use the following equations (see the
Readback Format section):
FREQ RB [Hz] = (AFC_READBACK × DEMOD CLK)/218
VBATTERY = BATTERY_VOLTAGE_READBACK/21.1
VADCIN = ADCIN_VOLTAGE_READBACK/42.1
Temperature [°C] = −40 + (68.4 − TEMP_READBACK) × 9.32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com