Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF7021 Datasheet(PDF) 62 Page - Analog Devices

Part # ADF7021
Description  High Performance Narrow-Band Transceiver IC
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7021 Datasheet(HTML) 62 Page - Analog Devices

Back Button ADF7021 Datasheet HTML 56Page - Analog Devices ADF7021 Datasheet HTML 57Page - Analog Devices ADF7021 Datasheet HTML 58Page - Analog Devices ADF7021 Datasheet HTML 59Page - Analog Devices ADF7021 Datasheet HTML 60Page - Analog Devices ADF7021 Datasheet HTML 61Page - Analog Devices ADF7021 Datasheet HTML 62Page - Analog Devices ADF7021 Datasheet HTML 63Page - Analog Devices ADF7021 Datasheet HTML 64Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 62 / 64 page
background image
ADF7021
Data Sheet
Rev. B | Page 62 of 64
OUTLINE DIMENSIONS
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
COMPLIANT TO JEDEC STANDARDS MO-220-WKKD.
1
0.50
BSC
BOTTOM VIEW
TOP VIEW
PIN 1
INDICATOR
7.00
BSC SQ
48
13
24
25
36
37
12
EXPOSED
PAD
PIN 1
INDICATOR
4.25
4.10 SQ
3.95
0.45
0.40
0.35
SEATING
PLANE
0.80
0.75
0.70
0.05 MAX
0.02 NOM
0.20 MIN
0.20 REF
COPLANARITY
0.08
0.30
0.23
0.18
Figure 78. 48-Lead Lead Frame Chip Scale Package [LFCSP_WQ]
7 mm × 7 mm Body, Very Very Thin Quad
(CP-48-5)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
ADF7021BCPZ
−40°C to +85°C
48-Lead Lead Frame Chip Scale Package [LFCSP_WQ]
CP-48-5
ADF7021BCPZ-RL
−40°C to +85°C
48-Lead Lead Frame Chip Scale Package [LFCSP_WQ]
CP-48-5
ADF7021BCPZ-RL7
−40°C to +85°C
48-Lead Lead Frame Chip Scale Package [LFCSP_WQ]
CP-48-5
EVAL-ADF70XXMBZ
Control Mother Board
EVAL-ADF70XXMBZ2
Evaluation Platform
EVAL-ADF7021DBJZ
426 MHz to 429 MHz Daughter Board
EVAL-ADF7021DBZ2
860 MHz to 870 MHz Daughter Board
EVAL-ADF7021DBZ3
431 MHz to 470 MHz Daughter Board
EVAL-ADF7021DBZ5
80 MHz to 650 MHz Daughter Board
EVAL-ADF7021DBZ6
608 MHz to 614 MHz Daughter Board
EVAL-ADF7021DB9Z
169 MHz Daughter Board
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com