Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF7021 Datasheet(PDF) 15 Page - Analog Devices

Part # ADF7021
Description  High Performance Narrow-Band Transceiver IC
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7021 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADF7021 Datasheet HTML 11Page - Analog Devices ADF7021 Datasheet HTML 12Page - Analog Devices ADF7021 Datasheet HTML 13Page - Analog Devices ADF7021 Datasheet HTML 14Page - Analog Devices ADF7021 Datasheet HTML 15Page - Analog Devices ADF7021 Datasheet HTML 16Page - Analog Devices ADF7021 Datasheet HTML 17Page - Analog Devices ADF7021 Datasheet HTML 18Page - Analog Devices ADF7021 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 64 page
background image
Data Sheet
ADF7021
Rev. B | Page 15 of 64
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 7.
Parameter
Rating
VDD to GND1
−0.3 V to +5 V
Analog I/O Voltage to GND
−0.3 V to AVDD + 0.3 V
Digital I/O Voltage to GND
−0.3 V to DVDD + 0.3 V
Operating Temperature Range
Industrial (B Version)
−40°C to +85°C
Storage Temperature Range
−65°C to +125°C
Maximum Junction Temperature
150°C
MLF θJA Thermal Impedance
26°C/W
Reflow Soldering
Peak Temperature
260°C
Time at Peak Temperature
40 sec
1
GND = CPGND = RFGND = DGND = AGND = 0.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
This device is a high performance RF integrated circuit with an
ESD rating of <2 kV and it is ESD sensitive. Proper precautions
should be taken for handling and assembly.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com