Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF7021 Datasheet(PDF) 20 Page - Analog Devices

Part # ADF7021
Description  High Performance Narrow-Band Transceiver IC
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7021 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADF7021 Datasheet HTML 16Page - Analog Devices ADF7021 Datasheet HTML 17Page - Analog Devices ADF7021 Datasheet HTML 18Page - Analog Devices ADF7021 Datasheet HTML 19Page - Analog Devices ADF7021 Datasheet HTML 20Page - Analog Devices ADF7021 Datasheet HTML 21Page - Analog Devices ADF7021 Datasheet HTML 22Page - Analog Devices ADF7021 Datasheet HTML 23Page - Analog Devices ADF7021 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 64 page
background image
ADF7021
Data Sheet
Rev. B | Page 20 of 64
FREQUENCY OFFSET (MHz)
–10
0
10
20
30
40
50
60
70
80
90
–22
–18
–14
–10
–6
–2 0 2
6
10
14
18
22
RF FREQ = 868MHz
WANTED SIGNAL
(10dB ABOVE SENSITIVITY
POINT) = 2FSK,
fDEV = 4kHz,
DATA RATE = 9.8kbps
BLOCKER = 2FSK,
fDEV = 4kHz,
DATA RATE = 9.8kbps
VDD = 3.0V
TEMPERATURE = 25°C
Figure 23. Wideband Interference Rejection
–140
–120
–100
–80
–60
–40
–20
–122.5 –112.5 –102.5 –92.5
–82.5
–72.5
–62.5
–52.5
–42.5
ACTUAL RF INPUT LEVEL
RF INPUT (dBm)
RSSI
READBACK LEVEL
Figure 24. Digital RSSI Readback Linearity
–10
0
10
20
30
40
50
60
70
429.80 429.85 429.90 429.95 430.00 430.05 430.10 430.15 430.20
RF FREQ = 430MHz
EXTERNAL VCO INDUCTOR
DATA RATE = 9.6kbps
TEMPERATURE = 25°C, VDD = 3.0V
RF FREQUENCY (MHz)
CALIBRATED
UNCALIBRATED
Figure 25. Image Rejection, Uncalibrated vs. Calibrated
MODULATION INDEX
–118
–116
–114
–112
–110
–108
–106
–104
–102
–100
0
0.2
0.4
0.6
0.8
1.0
1.2
RF FREQ = 860MHz
2FSK MODULATION
DATA RATE = 9.6kbps
IF BW = 25kHz
VDD = 3.0V
TEMPERATURE = 25°C
DISCRIMINATOR BANDWIDTH =
1× FSK FREQUENCY DEVIATION
DISCRIMINATOR BANDWIDTH =
2× FSK FREQUENCY DEVIATION
Figure 26. 2FSK Sensitivity vs. Modulation Index vs. Correlator
Discriminator Bandwidth
–120 –118 –116 –114 –112 –110 –108 –106 –104 –102 –100
3FSK MODULATION
VDD = 3.0V, TEMP = 25°C
DATA RATE = 9.6kbps
fDEV = 2.4kHz
RF FREQ = 868MHz
IF BW = 18.75kHz
INPUT POWER (dBm)
–7
–6
–5
–4
–3
–2
–1
0
VITERBI DETECTION
THRESHOLD DETECTION
TYPICALLY
3dB
Figure 27. 3FSK Receiver Sensitivity Using Viterbi Detection and
Threshold Detection
+1
+3
–1
–3
0
RF I/P LEVEL = –70dBm
DATA RATE = 9.7kbps
fDEV (inner) = 1.2kHz
22452 ACQS
M 50µs
IF BW = 25kHz
POST DEMOD BW = 12.4kHz
Figure 28. 4FSK Receiver Eye Diagram Measure Using the Test DAC Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com