Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLH Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # CLH
Description  SMD Ceramic Multilayer Chip Inductors
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CLH Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button CLH Datasheet HTML 7Page - List of Unclassifed Manufacturers CLH Datasheet HTML 8Page - List of Unclassifed Manufacturers CLH Datasheet HTML 9Page - List of Unclassifed Manufacturers CLH Datasheet HTML 10Page - List of Unclassifed Manufacturers CLH Datasheet HTML 11Page - List of Unclassifed Manufacturers CLH Datasheet HTML 12Page - List of Unclassifed Manufacturers CLH Datasheet HTML 13Page - List of Unclassifed Manufacturers CLH Datasheet HTML 14Page - List of Unclassifed Manufacturers CLH Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
SMD Ceramic Multilayer Chip Inductors – CLH Series
Test Instruments:
Agilent E4991A Material/Impedance Analyzer
CLH1005T-33NJ-H
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.9Ω SRF:1800MHZ IDC:200mA
0
5
10
15
20
25
30
35
40
45
50
CLH1005T-39NJ-H
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<1 Ω SRF:1600MHZ IDC:150mA
0
5
10
15
20
25
30
35
40
45
50
CLH1005T-47NJ-H
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<1.2Ω SRF:1400MHZ IDC:150mA
0
5
10
15
20
25
30
CLH1005T-56NJ-H
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<1.3Ω SRF:1300MHZ IDC:150mA
0
5
10
15
20
25
30
CLH1005T-68NJ-H
0
20
40
60
80
100
120
140
160
180
200
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<1.5Ω SRF:1100MHZ IDC:100mA
0
5
10
15
20
25
30
CLH1005T-82NJ-H
0
20
40
60
80
100
120
140
160
180
200
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<1.6Ω SRF:1000MHZ IDC:100 mA
0
5
10
15
20
25
30
CLH1005T-R10J-H
0
100
200
300
400
500
600
700
800
900
1000
1100
1200
1
10
100
1000
10000
0
5
10
15
20
25
30
FREQUENCY(MHz)
RDC<2Ω SRF:900MHz IDC:100 mA
CLH1005T-R12J-H
0
200
400
600
800
1000
1200
1400
1
10
100
1000
10000
0
2
4
6
8
10
12
14
16
18
FREQUENCY(MHz)
RDC<2.2Ω SRF:800MHz IDC:100 mA
CLH1005T-R15J-H
0
200
400
600
800
1000
1200
1400
1
10
100
1000
10000
0
2
4
6
8
10
12
14
16
18
20
FREQUENCY(MHz)
RDC<3.5Ω SRF:700MHz IDC:100 mA
CLH1005T-R18J-H
0
200
400
600
800
1000
1200
1400
1
10
100
1000
10000
0
2
4
6
8
10
12
14
16
FREQUENCY(MHz)
RDC<3.8Ω SRF:600MHz IDC:100 mA
CLH1005T-R22J-H
0
200
400
600
800
1000
1200
1400
1600
1800
1
10
100
1000
10000
0
2
4
6
8
10
12
14
16
18
FREQUENCY(MHz)
RDC<4.2Ω SRF:500MHz IDC:100 mA
CLH1005T-R27J-H
0
200
400
600
800
1000
1200
1400
1600
1800
1
10
100
1000
10000
0
2
4
6
8
10
12
14
FREQUENCY(MHz)
RDC<4.8Ω SRF:500MHz IDC:100 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com