Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLH Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # CLH
Description  SMD Ceramic Multilayer Chip Inductors
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CLH Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button CLH Datasheet HTML 15Page - List of Unclassifed Manufacturers CLH Datasheet HTML 16Page - List of Unclassifed Manufacturers CLH Datasheet HTML 17Page - List of Unclassifed Manufacturers CLH Datasheet HTML 18Page - List of Unclassifed Manufacturers CLH Datasheet HTML 19Page - List of Unclassifed Manufacturers CLH Datasheet HTML 20Page - List of Unclassifed Manufacturers CLH Datasheet HTML 21Page - List of Unclassifed Manufacturers CLH Datasheet HTML 22Page - List of Unclassifed Manufacturers CLH Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
SMD Multilayer Ceramic Chip Inductors – CLH Series
Electrical Characteristics
Q Min
Part Number
Inductance
(nH)
at 100MHz
Tolerance
(
±%)
at 50MHz
at 100MHz
SRF
(MHz) Typ.
DC Resistance
(Ω) Max
IDC
(mA) Max
CLH1608T-1N0S-H
1.0
±
0.3nH
8
10000
0.10
600
CLH1608T-1N2S-H
1.2
±
0.3nH
8
10000
0.10
600
CLH1608T-1N5S-H
1.5
±
0.3nH
8
8000
0.10
600
CLH1608T-1N8S-H
1.8
±
0.3nH
8
8000
0.10
600
CLH1608T-2N2S-H
2.2
±
0.3nH
8
7200
0.10
600
CLH1608T-2N7S-H
2.7
±
0.3nH
10
6200
0.10
600
CLH1608T-3N3□-H
3.3
±
0.3nH/10
10
5200
0.12
600
CLH1608T-3N9□-H
3.9
±
0.3nH/10
10
5000
0.14
600
CLH1608T-4N7□-H
4.7
±
0.3nH/10
10
4750
0.16
600
CLH1608T-5N6□-H
5.6
±
0.3nH/10
10
4100
0.18
600
CLH1608T-6N8□-H
6.8
5 / 10
10
3750
0.22
600
CLH1608T-8N2□-H
8.2
5 / 10
10
3300
0.24
600
CLH1608T-10N□-H
10
5 / 10
12
3000
0.26
600
CLH1608T-12N□-H
12
5 / 10
12
2600
0.28
600
CLH1608T-15N□-H
15
5 / 10
12
2500
0.32
600
CLH1608T-18N□-H
18
5 / 10
12
2400
0.35
600
CLH1608T-22N□-H
22
5 / 10
12
2000
0.40
500
CLH1608T-27N□-H
27
5 / 10
12
1900
0.45
500
CLH1608T-33N□-H
33
5 / 10
12
1600
0.55
400
CLH1608T-39N□-H
39
5 / 10
12
1400
0.60
400
CLH1608T-47N□-H
47
5 / 10
12
1300
0.70
400
CLH1608T-56N□-H
56
5 / 10
12
1100
0.75
400
CLH1608T-62N□-H
62
5 / 10
12
1050
0.85
400
CLH1608T-68N□-H
68
5 / 10
12
1050
0.85
400
CLH1608T-82N□-H
82
5 / 10
12
900
1.00
300
CLH1608T-R10□-H
100
5 / 10
12
770
1.20
300
CLH1608T-R12□-H
*120
5 / 10
8
650
1.30
300
CLH1608T-R15□-H
*150
5 / 10
8
550
1.70
250
CLH1608T-R18□-H
*180
5 / 10
8
520
1.90
250
CLH1608T-R22□-H
*220
5 / 10
8
500
2.00
250
CLH1608T-R27□-H
*270
5 / 10
8
470
2.20
150
CLH1608T-R33□-H
*330
5 / 10
8
320
2.80
100
CLH1608T-R39□-H
*390
5 / 10
8
300
3.00
100
* at 50MHz
Tolerance:S = ± 0.3 nH;J = ± 5%;K = ± 10%
Test Instruments: L/Q:
Agilent E4991A + Fixture:Agilent 16197A
SRF:
HP8753D
RDC:
HP4338B/ CH502BC
Test Instruments:
Agilent E4991A Material/Impedance Analyzer
CLH1608T-1N0S-H
0
1
2
3
4
5
6
1
10
100
1000
10000
0
5
10
15
20
25
30
35
40
45
50
55
60
FREQUENCY(MHz)
RDC<0.10Ω SRF:6000MHZ IDC:500mA
CLH1608T-1N2S-H
0
1
2
3
4
5
6
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.10Ω SRF:6000MHZ IDC:500mA
0
5
10
15
20
25
30
35
40
45
50
55
60
CLH1608T-1N5S-H
0
1
2
3
4
5
6
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.10Ω SRF:6000MHZ IDC:500mA
0
5
10
15
20
25
30
35
40
45
50
55
60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com