Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLH Datasheet(PDF) 24 Page - List of Unclassifed Manufacturers

Part # CLH
Description  SMD Ceramic Multilayer Chip Inductors
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CLH Datasheet(HTML) 24 Page - List of Unclassifed Manufacturers

Back Button CLH Datasheet HTML 17Page - List of Unclassifed Manufacturers CLH Datasheet HTML 18Page - List of Unclassifed Manufacturers CLH Datasheet HTML 19Page - List of Unclassifed Manufacturers CLH Datasheet HTML 20Page - List of Unclassifed Manufacturers CLH Datasheet HTML 21Page - List of Unclassifed Manufacturers CLH Datasheet HTML 22Page - List of Unclassifed Manufacturers CLH Datasheet HTML 23Page - List of Unclassifed Manufacturers CLH Datasheet HTML 24Page - List of Unclassifed Manufacturers CLH Datasheet HTML 25Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 24 / 25 page
background image
SMD Multilayer Ceramic Chip Inductors – CLH Series
Test Instruments:Agilent E4991A Material/Impedance Analyzer
CLH2012T-33NJ-S
0
50
100
150
200
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.6Ω SRF:1350MHz IDC:300mA
0
10
20
30
40
50
60
70
80
CLH2012T-39NJ-S
0
50
100
150
200
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.65Ω SRF:1300MHz IDC:300mA
0
10
20
30
40
50
60
70
80
CLH2012T-47NJ-S
0
50
100
150
200
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.7Ω SRF:1200MHz IDC:300mA
0
10
20
30
40
50
60
70
80
CLH2012T-56NJ-S
0
50
100
150
200
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.75Ω SRF:1150MHz IDC:300mA
0
10
20
30
40
50
CLH2012T-68NJ-S
0
100
200
300
400
500
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.8Ω SRF:1000MHz IDC:300mA
0
10
20
30
40
50
CLH2012T-82NJ-S
0
100
200
300
400
500
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.9Ω SRF:850MHz IDC:300mA
0
5
10
15
20
25
30
35
40
45
50
CLH2012T-R10J-S
0
500
1000
1500
2000
2500
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<1Ω SRF:730MHz IDC:300mA
0
10
20
30
40
50
CLH2012T-R12J-S
0
500
1000
1500
2000
2500
1
10
100
1000
FREQUENCY(MHz)
RDC<1.2Ω SRF:650MHz IDC:300mA
0
10
20
30
40
50
CLH2012T-R15J-S
0
500
1000
1500
2000
2500
1
10
100
1000
FREQUENCY(MHz)
RDC<1.4Ω SRF:550MHz IDC:300mA
0
5
10
15
20
25
30
CLH2012T-R18J-S
0
500
1000
1500
2000
2500
1
10
100
1000
FREQUENCY(MHz)
RDC<1.8Ω SRF:500MHz IDC:300mA
0
5
10
15
20
25
30
CLH2012T-R22J-S
0
500
1000
1500
2000
2500
3000
3500
1
10
100
1000
FREQUENCY(MHz)
RDC<2Ω SRF:450MHz IDC:300mA
0
5
10
15
20
25
CLH2012T-R27J-S
0
50
100
150
200
250
300
350
400
450
500
550
600
1
10
100
1000
FREQUENCY(MHz)
RDC<2.5Ω SRF:400MHz IDC:200mA
0
5
10
15
20
25
30
CLH2012T-R33J-S
0
500
1000
1500
2000
2500
3000
3500
4000
1
10
100
1000
FREQUENCY(MHz)
RDC<3Ω SRF:380MHz IDC:200mA
0
5
10
15
20
25
CLH2012T-R39J-S
0
500
1000
1500
2000
2500
3000
3500
4000
1
10
100
1000
FREQUENCY(MHz)
RDC<3.5Ω SRF:330MHz IDC:200mA
0
2
4
6
8
10
12
14
16
18
20
CLH2012T-R47J-S
0
500
1000
1500
2000
2500
3000
3500
4000
1
10
100
1000
FREQUENCY(MHz)
RDC<4Ω SRF:300MHz IDC:200mA
0
5
10
15
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com