Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLH Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # CLH
Description  SMD Ceramic Multilayer Chip Inductors
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CLH Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button CLH Datasheet HTML 6Page - List of Unclassifed Manufacturers CLH Datasheet HTML 7Page - List of Unclassifed Manufacturers CLH Datasheet HTML 8Page - List of Unclassifed Manufacturers CLH Datasheet HTML 9Page - List of Unclassifed Manufacturers CLH Datasheet HTML 10Page - List of Unclassifed Manufacturers CLH Datasheet HTML 11Page - List of Unclassifed Manufacturers CLH Datasheet HTML 12Page - List of Unclassifed Manufacturers CLH Datasheet HTML 13Page - List of Unclassifed Manufacturers CLH Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
SMD Ceramic Multilayer Chip Inductors – CLH Series
Test Instruments:
Agilent E4991A Material/Impedance Analyzer
CLH1005T-1N8S-H
0
0.5
1
1.5
2
2.5
3
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.10Ω SRF:8700MHZ IDC:400mA
0
6
12
18
24
30
36
42
48
54
60
CLH1005T-2N2S-H
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.12Ω SRF:8100MHZ IDC:400mA
0
5
10
15
20
25
30
35
40
45
50
55
60
CLH1005T-2N7S-H
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.15Ω SRF:7700MHZ IDC:400mA
0
5
10
15
20
25
30
35
40
45
50
55
60
CLH1005T-3N3S-H
0
1
2
3
4
5
6
7
8
9
10
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.15Ω SRF:6300MHZ IDC:400mA
0
5
10
15
20
25
30
35
40
45
50
55
60
CLH1005T-3N9S-H
0
1
2
3
4
5
6
7
8
9
10
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.18Ω SRF:6100MHZ IDC:400mA
0
5
10
15
20
25
30
35
40
45
50
55
60
CLH1005T-4N7S-H
0
1
2
3
4
5
6
7
8
9
10
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.18Ω SRF:6000MHZ IDC:400mA
0
5
10
15
20
25
30
35
40
45
50
CLH1005T-5N6S-H
0
1
2
3
4
5
6
7
8
9
10
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.20Ω SRF:5100MHZ IDC:400mA
0
5
10
15
20
25
30
35
40
45
50
CLH1005T-6N8J-H
0
5
10
15
20
25
30
1
10
100
1000
10000
FREQUENCY MHz
RDC<0.24Ω SRF:4550MHZ IDC:400mA
0
5
10
15
20
25
30
35
40
45
50
CLH1005T-8N2J-H
0
5
10
15
20
25
30
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.24Ω SRF:4100MHZ IDC:300mA
0
5
10
15
20
25
30
35
40
45
50
CLH1005T-10NJ-H
0
5
10
15
20
25
30
35
40
45
50
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.26Ω SRF:3900MHZ IDC:300mA
0
5
10
15
20
25
30
35
40
45
50
CLH1005T-12NJ-H
0
5
10
15
20
25
30
35
40
45
50
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.4Ω SRF:3000MHZ IDC:300mA
0
5
10
15
20
25
30
35
40
45
50
CLH1005T-15NJ-H
0
5
10
15
20
25
30
35
40
45
50
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.5Ω SRF:2800MHZ IDC:300mA
0
5
10
15
20
25
30
35
40
45
50
CLH1005T-18NJ-H
0
5
10
15
20
25
30
35
40
45
50
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.55Ω SRF:2500MHZ IDC:300mA
0
5
10
15
20
25
30
35
40
45
50
CLH1005T-22NJ-H
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.7Ω SRF:2200MHZ IDC:300mA
0
5
10
15
20
25
30
35
40
45
50
CLH1005T-27NJ-H
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
10000
FREQUENCY (MHz)
RDC<0.8Ω SRF:2000MHZ IDC:300mA
0
5
10
15
20
25
30
35
40
45
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com