Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLH Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # CLH
Description  SMD Ceramic Multilayer Chip Inductors
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CLH Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button CLH Datasheet HTML 10Page - List of Unclassifed Manufacturers CLH Datasheet HTML 11Page - List of Unclassifed Manufacturers CLH Datasheet HTML 12Page - List of Unclassifed Manufacturers CLH Datasheet HTML 13Page - List of Unclassifed Manufacturers CLH Datasheet HTML 14Page - List of Unclassifed Manufacturers CLH Datasheet HTML 15Page - List of Unclassifed Manufacturers CLH Datasheet HTML 16Page - List of Unclassifed Manufacturers CLH Datasheet HTML 17Page - List of Unclassifed Manufacturers CLH Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
SMD Multilayer Ceramic Chip Inductors - CLH Series
Test Instruments:Agilent E4991A Material/Impedance Analyzer
CLH1005T-7N5J-S-NP
0
2
4
6
8
10
12
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.24Ω SRF:4200MHz IDC:300mA
0
10
20
30
40
50
60
CLH1005T-8N2J-S-NP
0
2
4
6
8
10
12
14
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.24Ω SRF:4100MHz IDC:300mA
0
10
20
30
40
50
60
CLH1005T-9N1J-S-NP
0
2
4
6
8
10
12
14
16
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.26Ω SRF:3900MHz IDC:300mA
0
10
20
30
40
50
60
CLH1005T-10NJ-S-NP
0
5
10
15
20
25
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.26Ω SRF:3900MHz IDC:300mA
0
5
10
15
20
25
30
CLH1005T-12NJ-S-NP
0
50
100
150
200
250
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.28Ω SRF:3000MHz IDC:300mA
0
5
10
15
20
25
30
CLH1005T-15NJ-S-NP
0
50
100
150
200
250
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.32Ω SRF:2500MHz IDC:300mA
0
5
10
15
20
25
30
CLH1005T-18NJ-S-NP
0
50
100
150
200
250
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.36Ω SRF:2200MHz IDC:300mA
0
5
10
15
20
25
30
CLH1005T-22NJ-S-NP
0
50
100
150
200
250
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.42Ω SRF:1900MHz IDC:300mA
0
5
10
15
20
25
30
CLH1005T-27NJ-S-NP
0
50
100
150
200
250
300
350
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.46Ω SRF:1700MHz IDC:300mA
0
5
10
15
20
25
30
CLH1005T-33NJ-S-NP
0
50
100
150
200
250
300
350
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.58Ω SRF:1600MHz IDC:200mA
0
5
10
15
20
25
30
CLH1005T-39NJ-S-NP
0
50
100
150
200
250
300
350
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.65Ω SRF:1200MHz IDC:200mA
0
5
10
15
20
25
30
CLH1005T-47NJ-S-NP
0
100
200
300
400
500
600
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.72Ω SRF:1000MHz IDC:200mA
0
5
10
15
20
25
30
CLH1005T-56NJ-S-NP
0
100
200
300
400
500
600
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.82Ω SRF:800MHz IDC:200mA
0
5
10
15
20
25
30
CLH1005T-68NJ-S-NP
0
100
200
300
400
500
600
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.92Ω SRF:800MHz IDC:180mA
0
5
10
15
20
25
30
CLH1005T-82NJ-S-NP
0
100
200
300
400
500
600
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<1.20Ω SRF:700MHz IDC:150mA
0
5
10
15
20
25
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com