Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC7457 Datasheet(PDF) 39 Page - Freescale Semiconductor, Inc

Part # MPC7457
Description  Microprocessor
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7457 Datasheet(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button MPC7457 Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 43Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 71 page
background image
Pinout Listings
MPC7457 RISC Microprocessor Hardware Specifications, Rev. 8
Freescale Semiconductor
39
GND
B5, C3, D6, D13, E17, F3, G17, H4, H7, H9, H11, H13,
J6, J8, J10, J12, K7, K3, K9, K11, K13, L6, L8, L10, L12,
M4, M7, M9, M11, M13, N7, P3, P9, P12, R5, R14, R17,
T7, T10, U3, U13, U17, V5, V8, V11, V15
——
N/A
HIT
B2
Low
Output
BVSEL
7
HRESET
D8
Low
Input
BVSEL
INT
D4
Low
Input
BVSEL
L1_TSTCLK
G8
High
Input
BVSEL
9
L2_TSTCLK
B3
High
Input
BVSEL
10
No Connect
A6, A13, A14, A15, A16, A17, A18, A19, B13, B14, B15,
B16, B17, B18, B19, C13, C14, C15, C16, C17, C18,
C19, D14, D15, D16, D17, D18, D19, E12, E13, E14,
E15, E16, E19, F12, F13, F14, F15, F16, F17, F18, F19,
G11, G12, G13, G14, G15, G16, G19, H14, H15, H16,
H17, H18, H19, J14, J15, J16, J17, J18, J19, K15, K16,
K17, K18, K19, L14, L15, L16, L17, L18, L19, M14, M15,
M16, M17, M18, M19, N12, N13, N14, N15, N16, N17,
N18, N19, P15, P16, P18, P19
——
11
LSSD_MODE
E8
Low
Input
BVSEL
6, 12
MCP
C9
Low
Input
BVSEL
OVDD
B4, C2, C12, D5, E18, F2, G18, H3, J5, K2, L5, M3, N6,
P2, P8, P11, R4, R13, R16, T6, T9, U2, U12, U16, V4,
V7, V10, V14
——
N/A
PLL_CFG[0:4]
B8, C8, C7, D7, A7
High
Input
BVSEL
PMON_IN
D9
Low
Input
BVSEL
13
PMON_OUT
A9
Low
Output
BVSEL
QACK
G5
Low
Input
BVSEL
QREQ
P4
Low
Output
BVSEL
SHD[0:1]
E4, H5
Low
I/O
BVSEL
3
SMI
F9
Low
Input
BVSEL
SRESET
A2
Low
Input
BVSEL
SYSCLK
A10
Input
BVSEL
TA
K6
Low
Input
BVSEL
TBEN
E1
High
Input
BVSEL
TBST
F11
Low
Output
BVSEL
TCK
C6
High
Input
BVSEL
TDI
B9
High
Input
BVSEL
6
TDO
A4
High
Output
BVSEL
Table 16. Pinout Listing for the MPC7447, 360 CBGA Package (continued)
Signal Name
Pin Number
Active
I/O
I/F Select 1
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com