Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC7457 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MPC7457
Description  Microprocessor
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7457 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MPC7457 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 71 page
background image
MPC7457 RISC Microprocessor Hardware Specifications, Rev. 8
Overview
Freescale Semiconductor
2
1
Overview
The MPC7457 is the fourth implementation of the fourth generation (G4) microprocessors from Freescale.
The MPC7457 implements the full PowerPC 32-bit architecture and is targeted at networking and
computing systems applications. The MPC7457 consists of a processor core, a 512-Kbyte L2, and an
internal L3 tag and controller that support a glueless backside L3 cache through a dedicated
high-bandwidth interface. The MPC7447 is identical to the MPC7457 except that it does not support the
L3 cache interface.
Figure 1 shows a block diagram of the MPC7457. The core is a high-performance superscalar design
supporting a double-precision floating-point unit and a SIMD multimedia unit.
The memory storage subsystem supports the MPX bus protocol and a subset of the 60x bus protocol to
main memory and other system resources. The L3 interface supports 1, 2, or 4 Mbytes of external SRAM
for L3 cache and/or private memory data. For systems implementing 4 Mbytes of SRAM, a maximum of
2 Mbytes may be used as cache; the remaining 2 Mbytes must be private memory.
Note that the MPC7457 is a footprint-compatible, drop-in replacement in a MPC7455 application if the
core power supply is 1.3 V.
2Features
This section summarizes features of the MPC7457 implementation of the PowerPC architecture.
Major features of the MPC7457 are as follows:
High-performance, superscalar microprocessor
— As many as four instructions can be fetched from the instruction cache at a time.
— As many as three instructions can be dispatched to the issue queues at a time.
— As many as 12 instructions can be in the instruction queue (IQ).
— As many as 16 instructions can be at some stage of execution simultaneously.
— Single-cycle execution for most instructions
— One instruction per clock cycle throughput for most instructions
— Seven-stage pipeline control
Eleven independent execution units and three register files
— Branch processing unit (BPU) features static and dynamic branch prediction
– 128-entry (32-set, four-way set associative) branch target instruction cache (BTIC), a cache
of branch instructions that have been encountered in branch/loop code sequences. If a target
instruction is in the BTIC, it is fetched into the instruction queue a cycle sooner than it can
be made available from the instruction cache. Typically, a fetch that hits the BTIC provides
the first four instructions in the target stream.
– 2048-entry branch history (BHT) with 2 bits per entry for 4 levels of prediction—not-taken,
strongly not-taken, taken, and strongly taken
– Up to three outstanding speculative branches



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com