Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC7457 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # MPC7457
Description  Microprocessor
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7457 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button MPC7457 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 71 page
background image
Electrical and Thermal Characteristics
MPC7457 RISC Microprocessor Hardware Specifications, Rev. 8
Freescale Semiconductor
13
Figure 2. Overshoot/Undershoot Voltage
The MPC7457 provides several I/O voltages to support both compatibility with existing systems and
migration to future systems. The MPC7457 core voltage must always be provided at nominal 1.3 V (see
Table 4 for actual recommended core voltage). Voltage to the L3 I/Os and processor interface I/Os are
provided through separate sets of supply pins and may be provided at the voltages shown in Table 3. The
input voltage threshold for each bus is selected by sampling the state of the voltage select pins at the
negation of the signal HRESET. The output voltage will swing from GND to the maximum voltage applied
to the OVDD or GVDD power pins.
Table 3. Input Threshold Voltage Setting
BVSEL Signal
Processor Bus Input Threshold
is Relative to:
L3VSEL Signal 1
L3 Bus Input Threshold is
Relative to:
Notes
0
1.8 V
0
1.8 V
2, 3
¬HRESET
Not Available
¬HRESET
1.5 V
2, 4
HRESET
2.5 V
HRESET
2.5 V
2
1
2.5 V
1
2.5 V
2
Notes:
1. Not implemented on MPC7447.
2.
Caution: The input threshold selection must agree with the OV
DD/GVDD voltages supplied. See notes in Table 2.
3. If used, pull-down resistors should be less than 250
Ω.
4. Applicable to L3 bus interface only. ¬HRESET is the inverse of HRESET.
VIH
GND
GND – 0.3 V
GND – 0.7 V
Not to exceed 10%
OVDD/GVDD + 20%
VIL
OVDD/GVDD
OVDD/GVDD + 5%
of tSYSCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com