Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC7457 Datasheet(PDF) 66 Page - Freescale Semiconductor, Inc

Part # MPC7457
Description  Microprocessor
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7457 Datasheet(HTML) 66 Page - Freescale Semiconductor, Inc

Back Button MPC7457 Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 70Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 71 page
background image
MPC7457 RISC Microprocessor Hardware Specifications, Rev. 8
Part Numbering and Marking
Freescale Semiconductor
66
10.2
Part Numbers Not Fully Addressed by This Document
Parts with application modifiers or revision levels not fully addressed are described in a separate
addendum, which supplement and supersede this hardware specification. As such parts are released, these
specifications will be listed in this section.
Table 22. Part Numbering Nomenclature
MC
74x7
xx
nnnn
L
x
Product
Code
Part
Identifier
Package
Processor
Frequency 1
Application
Modifier
Revision Level
PPC 2
MC
7457
7447
RX = CBGA
867
1000
1200
1267
L: 1.3 V ± 50 mV
0
° to 105°C
B: 1.1; PVR = 8002 0101
MC
7457
RX = CBGA
VG = RoHS BGA
867
1000
1200
1267
C: 1.2; PVR = 8002 0102
Notes:
1. Processor core frequencies supported by parts addressed by this specification only. Parts addressed by a hardware
specification addendum may support other maximum core frequencies.
2. The P prefix in a Freescale part number designates a “Pilot Production Prototype” as defined by Freescale SOP 3-13.
These parts have only preliminary reliability and characterization data. Before pilot production prototypes may be
shipped, written authorization from the customer must be on file in the applicable sales office acknowledging the
qualification status and the fact that product changes may still occur while shipping pilot production prototypes.
Table 23. Part Numbers Addressed by MPC74x7RXnnnnNx Series Hardware Specifications Addendum
(Document Order No. MPC7457ECS01AD)
MC
74x7
xx
nnnn
N
x
Product
Code
Part
Identifier
Package
Processor
Frequency
Application
Modifier
Revision Level
PPC
7457
RX = CBGA
1000
867
733
600
N: 1.1 V ± 50 mV
0
° to 105°C
B: 1.1; PVR = 8002 0101
7447
1000
867
MC
7447
1000
867
733
600
B: 1.1; PVR = 8002 0101
7457
RX = CBGA
VG = RoHS BGA
1000
867
733
600
C: 1.2; PVR = 8002 0102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com