Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC7457 Datasheet(PDF) 67 Page - Freescale Semiconductor, Inc

Part # MPC7457
Description  Microprocessor
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7457 Datasheet(HTML) 67 Page - Freescale Semiconductor, Inc

Back Button MPC7457 Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 71Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 67 / 71 page
background image
Part Numbering and Marking
MPC7457 RISC Microprocessor Hardware Specifications, Rev. 8
Freescale Semiconductor
67
10.3
Part Marking
Parts are marked as the examples shown in Figure 31.
Figure 31. Part Marking for BGA Device
Table 24. Part Numbers Addressed by MPC7457TRXnnnnLB Series Hardware Specifications Addendum
(Document Order No. MPC7457ECS02AD)
MC
7457
T
RX
nnnn
L
x
Product
Code
Part
Identifier
Specification
Modifier
Package
Processor
Frequency
Application
Modifier
Revision Level
MC
7457
T = Extended
Temperature
Device
RX = CBGA
1000
1267
L: 1.3 V ± 50 mV
–40
° to 105°C
C: 1.2; PVR = 8002 0102
Table 25. Part Numbers Addressed by MPC7457TRXnnnnNx Series Hardware Specifications Addendum
(Document Order No. MPC7457ECS03AD)
MC
74x7T
RX
nnnn
N
x
Product
Code
Part
Identifier
Specification
Modifier
Package
Processor
Frequency
Application
Modifier
Revision Level
MC
7447
T = Extended
Temperature
Device
RX = CBGA
733
1000
N: 1.1 V ± 50 mV
–40
° to 105°C
B: 1.1; PVR = 8002 0101
7457
C: 1.2; PVR = 8002 0102
BGA
Notes:
MMMMMM is the 6-digit mask number.
ATWLYYWWA is the traceability code.
MC7457
RX
nnnnLx
MMMMMM
ATWLYYWWA
7457
BGA
MC7447
RX1
nnnLx
MMMMMM
ATWLYYWWA
7447



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com