Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M22S-DR-R Datasheet(PDF) 32 Page - List of Unclassifed Manufacturers

Part # M22S-DR-R
Description  Pushbuttons and Indicating Lights
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M22S-DR-R Datasheet(HTML) 32 Page - List of Unclassifed Manufacturers

Back Button M22S-DR-R Datasheet HTML 28Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 29Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 30Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 31Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 32Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 33Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 34Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 35Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 36Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 89 page
background image
32
Pushbuttons and Indicating Lights CA04716001E—March 2009
www.eaton.com
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47.4 Pushbuttons and Indicating Lights
M22 Modular Pushbuttons
Non-Illuminated Selector Switches
Components
Operators Only, Rotary Type
Notes
Includes contact block mounting adapter.
Momentary selector switches can be converted in the field to maintained operation with the removal of a color
coded adapter. See Page 66.
When ordering, specify inscription per catalog number suffix from the symbols library (see Pages 77–84) into the
Order Notes. For example, M22-WR3-ETCH; Order Notes: Mark with symbol X88, Line item #_.
Discount Symbol: 1CD1.
Type
Switching Position
Bezel
Rotary Type
Catalog
Number
Price
U.S. $
2-Position
Momentary
Silver
I-O
M22-W
19.40
Black
I-O
M22S-W
17.90
Maintained
Silver
—
M22-WR
15.40
Custom
M22-WR-ETCH
15.40
AUTO-HAND
M22-WR-X91
15.40
II-I
M22-WR-X92
15.40
Black
—
M22S-WR
13.90
Custom
M22S-WR-ETCH
13.90
AUTO-HAND
M22S-WR-X91
13.90
II-I
M22S-WR-X92
13.90
3-Position
Momentary
Silver
I-O-II
M22-W3
19.40
Maintained
Silver
—
M22-WR3
14.40
Custom
M22-WR3-ETCH
15.40
AUTO-O-MAN
M22-WR3-X94
15.40
Black
I-O-II
M22S-W3
17.90
—
M22S-WR3
12.90
Custom
M22S-WR3-ETCH
13.90
AUTO-O-MAN
M22S-WR3-X94
13.90
4-Position
Maintained
Silver
—
M22-WR4
45.00
Black
—
M22S-WR4
43.50
M22S-WR3-X94



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com