Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M22S-DR-R Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # M22S-DR-R
Description  Pushbuttons and Indicating Lights
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M22S-DR-R Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  M22S-DR-R Datasheet HTML 1Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 2Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 3Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 4Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 5Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 6Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 7Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 8Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 89 page
background image
Pushbuttons and Indicating Lights CA04716001E—April 2009
www.eaton.com
5
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47.4
Pushbuttons and Indicating Lights
M22 Modular Pushbuttons
Catalog Number Selection
Non-Illuminated Pushbuttons
Note:
Catalog Number Selection is for illustrative purposes only and not to be used to create new catalog numbers.
Product Selection
Non-Illuminated Pushbuttons, Flush, Momentary
Complete Devices
Note
Discount Symbol: 1CD1.
Bezel
Button Color
Contact Block Configuration
Catalog Number
Price U.S. $
Silver
Black
NO
M22-D-S-K10
17.50
NC
M22-D-S-K01
17.50
2NO
M22-D-S-K20
27.50
2NC
M22-D-S-K02
27.50
1NO-1NC
M22-D-S-K11
27.50
Red
NO
M22-D-R-K10
17.50
NC
M22-D-R-K01
17.50
2NO
M22-D-R-K20
27.50
2NC
M22-D-R-K02
27.50
1NO-1NC
M22-D-R-K11
27.50
Green
NO
M22-D-G-K10
17.50
NC
M22-D-G-K01
17.50
2NO
M22-D-G-K20
27.50
2NC
M22-D-G-K02
27.50
1NO-1NC
M22-D-G-K11
27.50
Black
Black
NO
M22S-D-S-K10
16.00
NC
M22S-D-S-K01
16.00
2NO
M22S-D-S-K20
26.00
2NC
M22S-D-S-K02
26.00
1NO-1NC
M22S-D-S-K11
26.00
Red
NO
M22S-D-R-K10
16.00
NC
M22S-D-R-K01
16.00
2NO
M22S-D-R-K20
26.00
2NC
M22S-D-R-K02
26.00
1NO-1NC
M22S-D-R-K11
26.00
Green
NO
M22S-D-G-K10
16.00
NC
M22S-D-G-K01
16.00
2NO
M22S-D-G-K20
26.00
2NC
M22S-D-G-K02
26.00
1NO-1NC
M22S-D-G-K11
26.00
Bezel
M22 = Silver
M22S = Black
M 2 2 –D –S –X 0 – K 1 0
Silver bezel only.
Operator Type
D = Flush momentary
DH = Extended momentary
DG = Flush with guard
DR = Flush maintained
DGH = Extended momentary with guard
DRH = Extended maintained
Button Plate Color
G = Green
Y = Yellow
B = Blue
S = Black
R = Red
W = White
Inscription
GB0 = STOP
GB1 = START
GB2 = CLOSE
GB3 =UP
GB4 = DOWN
GB5 = OFF
GB6 =ON
GB14 = RESET
GB15 = FORWARD
GB16 = REVERSE
X0 =
X1 =
X4 =
X5 =
X6 =
X7 =
X8 =
Contact Blocks
K10 = 1NO
K01 = 1NC
K20 = 2NO
K02 = 2NC
K11 = 1NO-1NC
K30 = 3NO
K03 = 3NC
K21 = 2NO-1NC
K12 = 1NO-2NC
M22-D-G-K10
M22S-D-G-K10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com