Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M22S-DR-R Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # M22S-DR-R
Description  Pushbuttons and Indicating Lights
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M22S-DR-R Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  M22S-DR-R Datasheet HTML 1Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 2Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 3Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 4Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 5Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 6Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 7Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 8Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 89 page
background image
4
Pushbuttons and Indicating Lights CA04716001E—March 2009
www.eaton.com
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47.4 Pushbuttons and Indicating Lights
M22 Modular Pushbuttons
Product Description
Eaton’s M22 industrial heavy-duty pushbutton line offers a
wide array of functional, attractive and ergonomically designed
illuminated and non-illuminated pushbuttons, selector switches,
push-pulls, alternate action and twist-to-release operators. The
complete illuminated line is only offered in LED light units to
ensure high-quality brightness and up to 100,000 hours of LED
illumination. M22 operators are available with either a silver or a
black colored bezel. The space-saving modular construction of
the M22 line makes on-the-job assembly fast and simplifies the
stocking of both components and complete devices.
Highly Modular and
Versatile Line
●
Field convertible functions
(pushbuttons and selector
switches), maintained to
momentary
●
Customizable laser
engraving capabilities
LED Indicators
●
100,000 hours of life
in high-vibration
environments
●
Lenses specifically
designed for LED
illumination
Rugged Design
●
Most pushbutton
operators and contact
blocks exceed 5 million
mechanical operations
●
All components have IP66
rating, and some carry IP67
and IP69K for washdown
environment; see Page 67
for further technical data
Innovative Technologies
●
ASi communicating
devices
●
Palm switches
M22 Pushbuttons
Features
●
Field convertible
pushbuttons and
mushroom operators from
maintained to momentary
status
●
Field convertible selector
switches from momentary
to maintained operation
and vice versa
●
LED offering only for all
illuminated operators
●
Laser engraved
pushbuttons, lenses and
enclosures
●
Heavy-duty construction
with a minimum of IP66
and UL NEMA® type 4X /
13 on front of panel
operators. Many operators
even carry IP67 and IP69K,
for the toughest
applications
●
Silver or black colored
nylon bezels
●
Snap-lock contact blocks
and light units for front or
base mounting
●
Notched hole mounting
with anti-rotation tab and
central nut mounting on
each operator
●
Over 5 million mechanical
operations and 1.6 million
electrical (reference
specification sheet)
●
Direct opening action
normally closed contacts
●
Unique and innovative
offerings, such as four-way
pushbuttons and USB/
RJ45 bulkhead interfaces
●
Screw or spring-cage
terminals
Benefits
●
Modular construction
makes assembly fast and
simplifies stocking of
components and complete
devices
●
Field convertibility of
operator status for
pushbuttons and selector
switches helps distributors
and customers reduce
inventory and increase
functionality
●
LED offering only for
improved brightness
quality and up to 100,000
hours of operation
●
Plastic construction is
corrosion resistant.
Operators are designed
for rugged environments,
ideal for washdown
applications (reference
each operator’s IP ratings
and IEC/EN 60529 for ingress
protection definition)
●
Anti-rotation tab saves
installation time and
prevents operator rotation
●
High mechanical and
electrical life allows for use
in tough and challenging
applications
●
Laser inscription
capabilities allow for high-
quality, wear-resistant
markings
●
All normally closed (NC)
contacts are Direct
Opening Action, i.e., NC
contacts are physically
forced open by direct
linkage with the
pushbutton operator
in the unlikely event of
contact weld
●
Some M22 operators are
capable of communication
via ASi protocol
●
M22 offers USB and RJ45
connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com