Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M22S-DR-R Datasheet(PDF) 64 Page - List of Unclassifed Manufacturers

Part # M22S-DR-R
Description  Pushbuttons and Indicating Lights
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M22S-DR-R Datasheet(HTML) 64 Page - List of Unclassifed Manufacturers

Back Button M22S-DR-R Datasheet HTML 60Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 61Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 62Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 63Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 64Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 65Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 66Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 67Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 68Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 89 page
background image
64
Pushbuttons and Indicating Lights CA04716001E—March 2009
www.eaton.com
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47.4 Pushbuttons and Indicating Lights
M22 Modular Pushbuttons
Surface Mounting Enclosures
Flush Mounting Plates, Aluminum
Shrouds, Plastic
Selector Switch Accessories
Emergency Stop Operator Accessories
Blanking Plugs
Notes
Plunger needed to actuate center-mounted contact blocks. Used for non-illuminated
3-position selector switches only.
Enables a keyed selector switch to be set to user-selected key withdraw position.
Discount Symbol: 1CD1.
Description
Catalog
Number
Price
U.S. $
Yellow Top, Black Base for
Emergency-Stop Operators
M22-IY1-PG
63.50
1 Element Enclosure
M22-I1-PG
59.00
2 Element Enclosure
M22-I2-PG
64.00
3 Element Enclosure
M22-I3-PG
70.00
4 Element Enclosure
M22-I4-PG
78.00
6 Element Enclosure
M22-I6-PG
92.50
M20 Connecting Screw
M22-XI
8.00
M20 Cord Grip
V-M20
8.00
Finish
Rating
Catalog
Number
Price
U.S. $
1 Hole
Yellow Paint for
Emergency-Stop
Operators
—
M22-EY1
39.00
Gray Anodized
IP65
M22-E1
35.00
2 Holes
Gray Anodized
IP65
M22-E2
46.00
3 Holes
Gray Anodized
IP65
M22-E3
51.00
4 Holes
Gray Anodized
IP65
M22-E4
66.00
5 Holes
Gray Anodized
IP65
M22-E5
78.00
6 Holes
Anodized
IP40
M22-E6
94.00
Description
Rating
Catalog
Number
Price
U.S. $
1-Element
IP55
M22-H1
12.00
2-Element
IP55
M22-H2
25.00
3-Element
IP55
M22-H3
39.00
4-Element
IP40
M22-H4
53.00
5-Element
IP40
M22-H5
65.00
6-Element
IP40
M22-H6
79.00
Mounting Plate
—
M22-XE5
13.00
Plaster Keys for
Flush Mounting
—
M22-UPE
12.00
M22-IY1-PG
M22-EY1
M22-H1
Description
Catalog
Number
Price
U.S. $
Plunger Bridge
M22-XW
4.00
Key Cover
M22-XWS
10.00
Key Withdraw Adapter
M22-XC-R
4.00
Coding Adapter
M22-XC-Y
4.00
Description
Catalog
Number
Price
U.S. $
Guard Ring
M22-XGWK
11.25
Yellow Guard Ring
M22-XGPV
16.25
Gray Guard Ring
M22G-XGPV
16.25
Sealing Shroud
M22-PL-PV
22.00
Color
Catalog
Number
Price
U.S. $
Gray
M22-B
3.70
Black
M22S-B
3.70
M22-XC-Y
M22-XWS
M22-XC-R
M22-XW
M22-XGWK
M22-XGPV
M22G-XGPV
M22-B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com