Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M22S-DR-R Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # M22S-DR-R
Description  Pushbuttons and Indicating Lights
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M22S-DR-R Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button M22S-DR-R Datasheet HTML 2Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 3Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 4Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 5Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 6Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 7Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 8Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 9Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 89 page
background image
6
Pushbuttons and Indicating Lights CA04716001E—March 2009
www.eaton.com
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47.4 Pushbuttons and Indicating Lights
M22 Modular Pushbuttons
Non-Illuminated Pushbuttons, Flush, Momentary
Operators Only
Notes
Includes contact block mounting adapter.
Buttonless operator comes with 3 color buttons (Black, Red, Green).
Buttonless operator comes with all 6 color buttons (Black, White, Red, Green, Yellow, Blue).
Discount Symbol: 1CD1.
Bezel
Button Color
Inscription
Catalog Number
Price U.S. $
Silver
Black
—
M22-D-S
7.50
Red
—
M22-D-R
7.50
STOP
M22-D-R-GB0
8.50
M22-D-R-X0
8.50
Green
—
M22-D-G
7.50
START
M22-D-G-GB1
8.50
M22-D-G-X1
8.50
White
—
M22-D-W
7.50
Blue
—
M22-D-B
7.50
Yellow
—
M22-D-Y
7.50
——
M22-D-X-SRG
9.00
—
M22-D-X-SWRGYB
11.50
Black
Black
—
M22S-D-S
6.00
Red
—
M22S-D-R
6.00
STOP
M22S-D-R-GB0
7.00
M22S-D-R-X0
7.00
Green
—
M22S-D-G
6.00
START
M22S-D-G-GB1
7.00
M22S-D-G-X1
7.00
White
—
M22S-D-W
6.00
Blue
—
M22S-D-B
6.00
Yellow
—
M22S-D-Y
6.00
——
M22S-D-X-SRG
7.50
—
M22S-D-X-SWRGYB
10.00
Silver Guarded
Black
—
M22-DG-S
15.00
Red
—
M22-DG-R
15.00
Green
—
M22-DG-G
15.00
White
—
M22-DG-W
15.00
Blue
—
M22-DG-B
15.00
Yellow
—
M22-DG-Y
15.00
——
M22-DG-X-SRG
16.50
—
M22-DG-X-SWRGYB
19.00
M22-D-G
M22S-D-G
M22-DG-G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com