Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-0466 Datasheet(PDF) 12 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-0466
Description  Intelligent Power Module and Gate Drive Interface Optocouplers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-0466 Datasheet(HTML) 12 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-0466 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-0466 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-0466 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-0466 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-0466 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HCPL-0466 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED HCPL-0466 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED HCPL-0466 Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED HCPL-0466 Datasheet HTML 16Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
12
Electrical Specifications
Over recommended operating conditions unless otherwise specified:
TA = -40°C to +100°C, VCC = +4.5 V to 30 V, IF(on) = 10 mA to 20mA, VF(off) = -5 V to 0.8 V†
Parameter
Symbol
Device
Min.
Typ.*
Max.
Units Test Conditions
Fig.
Note
Current Transfer Ratio
CTR
44
90
%
IF = 10 mA,
5
VO = 0.6 V
Low Level Output Current
IOL
4.4
9.0
mA
IF = 10 mA,
1, 2
VO = 0.6 V
Low Level Output Voltage
VOL
0.3
0.6
V
IO = 2.4 mA
Input Threshold Current
ITH
HCPL-4506
1.5
5
mA
VO = 0.8 V,
1
16
HCPL-0466
IO = 0.75 mA
HCNW4506
HCPL-J456
0.6
High Level Output Current
IOH
5
50
µA
VF = 0.8 V
3
High Level Supply Current
ICCH
0.6
1.3
mA
VF = 0.8 V,
16
VO = Open
Low Level Supply Current
ICCL
0.6
1.3
mA
IF = 10 mA,
16
VO = Open
Input Forward Voltage
VF
HCPL-4506
1.5
1.8
V
IF = 10 mA
4
HCPL-0466
HCPL-J456
1.2
1.6
1.95
5
HCNW4506
1.6
1.85
Temperature Coefficient
∆VF/∆TA
HCPL-4506
-1.6
mV/°C IF = 10 mA
of Forward Voltage
HCPL-0466
HCPL-J456
HCNW4506
-1.3
Input Reverse Breakdown
BVR
HCPL-4506
5
V
IR = 10 µA
Voltage
HCPL-0466
HCPL-J456
3
IR = 100 µA
HCNW4506
Input Capacitance
CIN
HCPL-4506
60
pF
f = 1 MHz,
HCPL-0466
VF = 0 V
HCPL-J456
72
HCNW4506
Internal Pull-up Resistor
RL
14
20
25
kΩ
TA = 25°C
12, 13
Internal Pull-up Resistor
∆RL/∆TA
0.014
kΩ/°C
Temperature Coefficient
*All typical values at 25°C, VCC = 15 V.
†VF(off) = -3 V to 0.8 V for HCPL-J456, HCNW4506.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com