Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-0466 Datasheet(PDF) 13 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-0466
Description  Intelligent Power Module and Gate Drive Interface Optocouplers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-0466 Datasheet(HTML) 13 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-0466 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-0466 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-0466 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-0466 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HCPL-0466 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED HCPL-0466 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED HCPL-0466 Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED HCPL-0466 Datasheet HTML 16Page - AVAGO TECHNOLOGIES LIMITED HCPL-0466 Datasheet HTML 17Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
13
Switching Specifications (RL= Internal Pull-up)
Over recommended operating conditions unless otherwise specified:
TA = -40°C to +100°C, VCC = +4.5 V to 30 V, IF(on) = 10 mA to 20mA, VF(off) = -5 V to 0.8 V†
Parameter
Symbol
Min. Typ.* Max. Units
Test Conditions
Fig.
Note
Propagation Delay
tPHL
20
200
400
ns
IF(on) = 10 mA, VF(off) = 0.8 V,
6, 9
11-14,
Time to Logic
HCPL-J456
485
VCC = 15.0 V, CL = 100 pF,
16
Low at Output
VTHLH = 2.0 V, VTHHL = 1.5 V
Propagation Delay Time
tPLH
220
450
650
ns
to High Output Level
Pulse Width
PWD
250
500
ns
20
Distortion
Propagation Delay
tPLH-tPHL -150
250
500
ns
17
Difference Between
Any 2 Parts
Output High Level
|CMH|
30
kV/µs IF = 0 mA,
VCC = 15.0 V,
7
18
Common Mode
VO > 3.0 V
CL = 100 pF,
Transient Immunity
VCM = 1500 Vp-p,
Output Low Level
|CML|
30
kV/µs IF = 16 mA,
TA = 25°C
19
Common Mode
VO < 1.0 V
Transient Immunity
Power Supply
PSR
1.0
Vp-p Square Wave, tRISE, tFALL
16
Rejection
> 5 ns, no bypass capacitors
Switching Specifications (RL= 20 kΩ External)
Over recommended operating conditions unless otherwise specified:
TA = -40°C to +100°C, VCC = +4.5 V to 30 V, IF(on) = 10 mA to 20mA, VF(off) = -5 V to 0.8 V†
Parameter
Symbol
Min. Typ.*
Max. Units
Test Conditions
Fig.
Note
Propagation Delay
TPHL
30
200
400
ns
CL = 100 pF
IF(on) = 10 mA,
6, 8,
11,
Time to Logic
HCPL-J456
480
VF(off) = 0.8 V,
10-
14,
Low at Output
100
CL = 10 pF
VCC = 15.0 V,
13
16
Propagation Delay
TPLH
270
400
550
ns
CL = 100 pF
VTHLH = 2.0 V,
Time to High
VTHHL = 1.5 V
Output Level
130
CL = 10 pF
Pulse Width
PWD
200
450
ns
CL = 100 pF
20
Distortion
Propagation Delay
tPLH-tPHL -150 200
450
ns
17
Difference Between
Any 2 Parts
Output High Level
|CMH|
15
30
kV/µs IF = 0 mA,
VCC = 15.0 V,
7
18
Common Mode
VO > 3.0 V
CL = 100 pF,
Transient Immunity
VCM = 1500 Vp-p
Output Low Level
|CML|
15
30
kV/µs IF = 10 mA
TA = 25°C
19
Common Mode
VO < 1.0 V
Transient Immunity
*All typical values at 25°C, VCC = 15 V.
†VF(off) = -3 V to 0.8 V for HCPL-J456, HCNW4506.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com