Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-0466 Datasheet(PDF) 19 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-0466
Description  Intelligent Power Module and Gate Drive Interface Optocouplers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-0466 Datasheet(HTML) 19 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-0466 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED HCPL-0466 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED HCPL-0466 Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED HCPL-0466 Datasheet HTML 16Page - AVAGO TECHNOLOGIES LIMITED HCPL-0466 Datasheet HTML 17Page - AVAGO TECHNOLOGIES LIMITED HCPL-0466 Datasheet HTML 18Page - AVAGO TECHNOLOGIES LIMITED HCPL-0466 Datasheet HTML 19Page - AVAGO TECHNOLOGIES LIMITED HCPL-0466 Datasheet HTML 20Page - AVAGO TECHNOLOGIES LIMITED HCPL-0466 Datasheet HTML 21Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
19
Figure 24. Typical application circuit.
Figure 26. Waveforms for dead time calculation.
Figure 25. Minimum LED skew for zero dead time.
0.1 µF
20 k
Ω
HCPL-4506 fig 28
CMOS
310
Ω
+5 V
VOUT1
I
LED1
VCC1
M
HCPL-4506
HCPL-4506
HCPL-4506
HCPL-4506
HCPL-4506
Q2
Q1
-HV
+HV
IPM
8
7
6
1
3
SHIELD
5
2
4
20 k
Ω
HCPL-4506
0.1 µF
20 k
Ω
CMOS
310
Ω
+5 V
VOUT2
I
LED2
VCC2
8
7
6
1
3
SHIELD
5
2
4
20 k
Ω
HCPL-4506
HCPL-4506 fig 29
VOUT1
VOUT2
ILED2
tPLH MAX.
PDD* MAX. =
(tPLH-tPHL) MAX. = tPLH MAX. - tPHL MIN.
tPHL
MIN.
ILED1
Q1 ON
Q2 OFF
Q1 OFF
Q2 ON
*PDD = PROPAGATION DELAY DIFFERENCE
NOTE: THE PROPAGATION DELAYS USED TO CALCULATE
PDD ARE TAKEN AT EQUAL TEMPERATURES.
HCPL-4506 fig 30
VOUT1
VOUT2
ILED2
tPLH
MIN.
MAXIMUM DEAD TIME (DUE TO OPTOCOUPLER)
= (tPLH MAX. - tPLH MIN.) + (tPHL MAX. - tPHL MIN.)
= (tPLH MAX. - tPHL MIN.) - (tPLH MIN. - tPHL MAX.)
= PDD* MAX. - PDD* MIN.
tPHL
MIN.
ILED1
Q1 ON
Q2 OFF
Q1 OFF
Q2 ON
*PDD = PROPAGATION DELAY DIFFERENCE
tPLH
MAX.
tPHL
MAX.
PDD*
MAX.
MAX.
DEAD TIME
NOTE: THE PROPAGATION DELAYS USED TO CALCULATE THE MAXIMUM
DEAD TIME ARE TAKEN AT EQUAL TEMPERATURES.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com