Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-0466 Datasheet(PDF) 18 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-0466
Description  Intelligent Power Module and Gate Drive Interface Optocouplers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-0466 Datasheet(HTML) 18 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-0466 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED HCPL-0466 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED HCPL-0466 Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED HCPL-0466 Datasheet HTML 16Page - AVAGO TECHNOLOGIES LIMITED HCPL-0466 Datasheet HTML 17Page - AVAGO TECHNOLOGIES LIMITED HCPL-0466 Datasheet HTML 18Page - AVAGO TECHNOLOGIES LIMITED HCPL-0466 Datasheet HTML 19Page - AVAGO TECHNOLOGIES LIMITED HCPL-0466 Datasheet HTML 20Page - AVAGO TECHNOLOGIES LIMITED HCPL-0466 Datasheet HTML 21Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
18
Figure 23. Recommended LED drive circuit for
ultra high CMR.
Figure 20. AC equivalent circuit for Figure 15 during common mode
transients.
Figure 19. AC equivalent circuit for Figure 18 during common mode
transients.
Figure 21. Not recommended open collector LED
drive circuit.
Figure 22. AC Equivalent circuit for Figure 21 during common mode
transients.
20 k
Ω
HCPL-4506 fig 23-new
* THE ARROWS INDICATE THE DIRECTION OF CURRENT
FLOW FOR +dVCM/dt TRANSIENTS.
310
Ω
VOUT
100 pF
+
ITOTAL*
VCM
8
7
6
1
3
SHIELD
5
2
4
20
k
Ω
CLEDN
CLED01
CLED02
ICLEDP
IF CLEDP
ICLED01
20 k
Ω
HCPL-4506 fig 24-new
* THE ARROWS INDICATE THE DIRECTION OF CURRENT
FLOW FOR +dVCM/dt TRANSIENTS.
** OPTIONAL CLAMPING DIODE FOR IMPROVED CMH
PERFORMANCE. VR < VF (OFF) DURING +dVCM/dt.
VOUT
100 pF
+
VCM
8
7
6
1
3
SHIELD
5
2
4
20
k
Ω
CLEDP
CLEDN
CLED01
CLED02
ICLEDN*
310
Ω
+ VR** –
HCPL-4506 fig 25-new
Q1
+5 V
8
7
6
1
3
SHIELD
5
2
4
20 k
Ω
20 k
Ω
HCPL-4506 fig 26-new
* THE ARROWS INDICATE THE DIRECTION OF CURRENT
FLOW FOR +dVCM/dt TRANSIENTS.
VOUT
100 pF
+
VCM
8
7
6
1
3
SHIELD
5
2
4
20
k
Ω
CLEDP
CLEDN
CLED01
CLED02
ICLEDN*
Q1
HCPL-4506 fig 27
+5 V
8
7
6
1
3
SHIELD
5
2
4
20 k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com