Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-0466 Datasheet(PDF) 16 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-0466
Description  Intelligent Power Module and Gate Drive Interface Optocouplers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-0466 Datasheet(HTML) 16 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-0466 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HCPL-0466 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED HCPL-0466 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED HCPL-0466 Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED HCPL-0466 Datasheet HTML 16Page - AVAGO TECHNOLOGIES LIMITED HCPL-0466 Datasheet HTML 17Page - AVAGO TECHNOLOGIES LIMITED HCPL-0466 Datasheet HTML 18Page - AVAGO TECHNOLOGIES LIMITED HCPL-0466 Datasheet HTML 19Page - AVAGO TECHNOLOGIES LIMITED HCPL-0466 Datasheet HTML 20Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
16
RL – LOAD RESISTANCE – k
Ω
600
400
200
HCPL-4506 fig 14
30
50
800
0
10
20
40
tPLH
tPHL
IF = 10 mA
VCC = 15 V
CL = 100 pF
TA = 25 °C
Figure 8. Propagation delay with external 20 kΩ
RL vs. temperature.
Figure 9. Propagation delay with internal 20 kΩ
RL vs. temperature.
Figure 10. Propagation delay vs. load resistance.
Figure 7. CMR test circuit. Typical CMR waveform.
Figure 13. Propagation delay vs. input current.
Figure 11. Propagation delay vs. load capaci-
tance.
Figure 12. Propagation delay vs. supply voltage.
HCPL-4506 fig 11a
0.1 µF
VCC = 15 V
20 k
Ω
A
IF
VOUT
100 pF*
+
–
*100 pF TOTAL
CAPACITANCE
+
–
+
B
VFF
VCM = 1500 V
8
7
6
1
3
SHIELD
5
2
4
20 k
Ω
HCPL-4506 fig 11b
VCM
∆t
OV
VO
VO
SWITCH AT A: IF = 0 mA
SWITCH AT B: IF = 10 mA
VCC
VOL
VCM
∆t
δV
δt
=
TA – TEMPERATURE – °C
400
300
200
0
HCPL-4506 fig 12
40
60
100
500
-40 -20
20
80
tPLH
tPHL
IF = 10 mA
VCC = 15 V
CL = 100 pF
RL = 20 k
Ω (EXTERNAL)
100
0
CL – LOAD CAPACITANCE – pF
800
600
400
100
HCPL-4506 fig 15
1400
200
300
400
IF = 10 mA
VCC = 15 V
RL = 20 k
Ω
TA = 25°C
200
1000
tPLH
tPHL
1200
0
500
0
VCC – SUPPLY VOLTAGE – V
800
600
400
10
HCPL-4506 fig 16
1400
15
20
25
IF = 10 mA
CL = 100 pF
RL = 20 k
Ω
TA = 25°C
200
1000
tPLH
tPHL
5
30
1200
100
IF – FORWARD LED CURRENT – mA
300
10
HCPL-4506 fig 17
500
15
VCC = 15 V
CL = 100 pF
RL = 20 k
Ω
TA = 25°C
200
400
tPLH
tPHL
5
0
20
TA – TEMPERATURE – °C
400
300
200
0
HCPL-4506 fig 13
40
60
100
600
-40 -20
20
80
tPLH
tPHL
100
IF = 10 mA
VCC = 15 V
CL = 100 pF
RL = 20 k
Ω
(INTERNAL)
500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com